Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4357 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4357
Description  Positive High Voltage Ideal Diode Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4357 Datasheet(HTML) 3 Page - Linear Technology

  LTC4357 Datasheet HTML 1Page - Linear Technology LTC4357 Datasheet HTML 2Page - Linear Technology LTC4357 Datasheet HTML 3Page - Linear Technology LTC4357 Datasheet HTML 4Page - Linear Technology LTC4357 Datasheet HTML 5Page - Linear Technology LTC4357 Datasheet HTML 6Page - Linear Technology LTC4357 Datasheet HTML 7Page - Linear Technology LTC4357 Datasheet HTML 8Page - Linear Technology LTC4357 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LTC4357

4357fd
electrical characteristics
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VOUT = VDD, VDD = 9V to 80V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Operating Supply Range
l
9
80
V
IDD
Supply Current
l
0.5
1.25
mA
IIN
IN Pin Current
VIN = VOUT ±1V
l
150
350
500
µA
IOUT
OUT Pin Current
VIN = VOUT ±1V
l
80
210
µA
DVGATE
External N-Channel Gate Drive
(VGATE – VIN)
VDD, VOUT = 20V to 80V
VDD, VOUT = 9V to 20V
l
l
10
4.5
12
6
15
15
V
V
IGATE(UP)
External N-Channel Gate Pull-Up Current VGATE = VIN, VIN – VOUT = 0.1V
l
–14
–20
–26
µA
IGATE(DOWN)
External N-Channel Gate Pull-Down
Current in Fault Condition
VGATE = VIN + 5V
l
1
2
A
tOFF
Gate Turn-Off Time
VIN – VOUT = 55mV
|
–1V,
VGATE – VIN < 1V, CGATE = 0pF
l
300
500
ns
DVSD
Source-Drain Regulation Voltage
(VIN – VOUT)
VGATE – VIN = 2.5V
l
10
25
55
mV
Note 2: All currents into pins are positive, all voltages are referenced to
GND unless otherwise specified.
Note 3: An internal clamp limits the GATE pin to a minimum of 10V above
IN or 100V above GND. Driving this pin to voltages beyond this clamp may
damage the device.
typical perForMance characteristics
VDD Current (IDD vs VDD)
IN Current (IIN vs VIN)
OUT Current (IOUT vs VOUT)
VDD (V)
0
400
600
80
4357 G01
200
0
20
40
60
800
VDD = VOUT = VIN ± 1V
VIN (V)
0
200
300
80
4357 G02
100
0
20
40
60
400
VDD = VOUT = VIN + 1V
VDD = VOUT = VIN – 1V
VOUT (V)
0
60
120
80
4357 G03
0
20
40
60
180
30
90
150
VDD = VOUT = VIN + 1V
VDD = VOUT = VIN – 1V


Similar Part No. - LTC4357

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4357 LINER-LTC4357 Datasheet
146Kb / 12P
   Positive High Voltage Ideal Diode Controller
LTC4357 LINER-LTC4357 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4357 LINER-LTC4357 Datasheet
496Kb / 22P
   Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4357 LINER-LTC4357 Datasheet
563Kb / 24P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
logo
Analog Devices
LTC4357 AD-LTC4357 Datasheet
1Mb / 20P
   Low Quiescent Current Ideal Diode Controller
More results

Similar Description - LTC4357

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4357 LINER-LTC4357 Datasheet
146Kb / 12P
   Positive High Voltage Ideal Diode Controller
LTC4352 LINER-LTC4352 Datasheet
199Kb / 16P
   Low Voltage Ideal Diode Controller with Monitoring
LTC4352CDDPBF LINER-LTC4352CDDPBF Datasheet
228Kb / 16P
   Low Voltage Ideal Diode Controller with Monitoring
LTC4352 LINER-LTC4352_15 Datasheet
228Kb / 16P
   Low Voltage Ideal Diode Controller with Monitoring
LT4320-1 LINER-LT4320-1_15 Datasheet
960Kb / 14P
   Ideal Diode Bridge Controller
logo
ON Semiconductor
NCV68061 ONSEMI-NCV68061 Datasheet
221Kb / 13P
   Ideal Diode NMOS Controller
October, 2021 - Rev. 2
logo
Linear Technology
LT4320 LINER-LT4320_15 Datasheet
960Kb / 14P
   Ideal Diode Bridge Controller
LT4321 LINER-LT4321_15 Datasheet
177Kb / 12P
   PoE Ideal Diode Bridge Controller
LTC4355 LINER-LTC4355_15 Datasheet
234Kb / 20P
   Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
LTC4355 LINER-LTC4355 Datasheet
621Kb / 16P
   Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com