Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1517-3.3 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1517-3.3
Description  Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1517-3.3 Datasheet(HTML) 3 Page - Linear Technology

  LTC1517-3.3 Datasheet HTML 1Page - Linear Technology LTC1517-3.3 Datasheet HTML 2Page - Linear Technology LTC1517-3.3 Datasheet HTML 3Page - Linear Technology LTC1517-3.3 Datasheet HTML 4Page - Linear Technology LTC1517-3.3 Datasheet HTML 5Page - Linear Technology LTC1517-3.3 Datasheet HTML 6Page - Linear Technology LTC1517-3.3 Datasheet HTML 7Page - Linear Technology LTC1517-3.3 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LTC1517-3.3
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT VOLTAGE (V)
2.0
4.0
1517 G01
2.5
3.0
3.5
4.5
3.40
3.35
3.30
3.25
3.20
IOUT = 8mA
COUT = 6.8µF
TA = 70°C
TA = 0°C
TA = 25°C
Output Voltage vs Input Voltage
INPUT VOLTAGE (V)
2.0
4.0
1517 G02
2.5
3.0
3.5
4.5
100
80
60
40
20
IOUT = 8mA
TA = 25°C
Efficiency vs Input Voltage
INPUT VOLTAGE (V)
2.0
4.0
1517 G03
2.5
3.0
3.5
4.5
200
150
100
50
0
IOUT = 8mA
C1 = 0.1
µF
CIN = 3.3µF
TA = 25°C
COUT = 3.3µF
COUT = 6.8µF
COUT = 10µF
Output Ripple vs Input Voltage
Load Transient Response
IOUT
0mA to 10mA
5mA/DIV
VOUT
AC COUPLED
50mV/DIV
VIN = 2.5V
500
µs/DIV
COUT = 6.8µF
1517 G06
No Load Input Current vs
Input Voltage
INPUT VOLTAGE (V)
2.0
4.0
1517 G04
2.5
3.0
3.5
4.5
10
8
6
4
2
IOUT = 0mA
TA = 70°C
TA = 0°C
TA = 25°C
TEMPERATURE (
°C)
–50
50
40
30
20
10
0
–25
025
50
1517 G09
75
100
VOUT = 3.3V
C1 = 0.1
µF
VIN = 2.7V
VIN = 2.5V
VIN = 2V
Typical Output Current
vs Temperature
INPUT VOLTAGE (V)
2.0
200
160
120
80
40
0
4.0
1517 G10
2.5
3.0
3.5
4.5
TA = 25°C
C1 = 0.1
µF
VOUT Short-Circuit Current
vs Input Voltage
OUTPUT CURRENT (mA)
0.001
100
80
60
40
20
0
10
1517 TA02
0.01
0.1
1
100
TA = 25°C
C1 = 0.1
µF
COUT = 6.8µF
VIN = 2V
VIN = 2.5V
Typical Efficiency vs
Output Current


Similar Part No. - LTC1517-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC1517-3.3 LINEAR-LTC1517-3.3 Datasheet
144Kb / 8P
   Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
More results

Similar Description - LTC1517-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC1517ES5-5 LINEAR-LTC1517ES5-5 Datasheet
144Kb / 8P
   Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
logo
Linear Technology
LTC1517-5 LINER-LTC1517-5 Datasheet
210Kb / 8P
   Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
LTC1517-5 LINER-LTC1517-5_15 Datasheet
161Kb / 8P
   Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
LTC1754-3.3 LINER-LTC1754-3.3 Datasheet
205Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
LTC1754-5 LINER-LTC1754-5_15 Datasheet
216Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
LTC1754-3.3 LINER-LTC1754-3.3_15 Datasheet
216Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
logo
List of Unclassifed Man...
AIC1845 ETC2-AIC1845 Datasheet
687Kb / 13P
   Regulated 5V Charge Pump In SOT-23
logo
Analog Intergrations Co...
AIC1848 AIC-AIC1848 Datasheet
336Kb / 10P
   Regulated 5V Charge Pump In SOT-23
logo
SG Micro Corp
SGM3110 SGMICRO-SGM3110 Datasheet
424Kb / 7P
   MicroPower Regulated Charge Pump
logo
Advanced Analog Technol...
AAT3111 AAT-AAT3111 Datasheet
351Kb / 16P
   MicroPower??Regulated Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com