Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1617 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1617
Description  Micropower Inverting DC/DC Converters in SOT-23
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1617 Datasheet(HTML) 4 Page - Linear Technology

  LT1617 Datasheet HTML 1Page - Linear Technology LT1617 Datasheet HTML 2Page - Linear Technology LT1617 Datasheet HTML 3Page - Linear Technology LT1617 Datasheet HTML 4Page - Linear Technology LT1617 Datasheet HTML 5Page - Linear Technology LT1617 Datasheet HTML 6Page - Linear Technology LT1617 Datasheet HTML 7Page - Linear Technology LT1617 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LT1617/LT1617-1
BLOCK DIAGRA
Figure 1. LT1617 Block Diagram
+
+
5
400ns
ONE-SHOT
DRIVER
RESET
ENABLE
42mV*
0.12
A2
A1
Q3
2
R4
280k
R3
60k
R6
80k
R5
80k
Q2
X10
Q1
3
VIN
NFB
4
SHDN
1
SW
GND
1617/-1 BD
L1
C2
VOUT
VIN
D1
R2
(EXTERNAL)
R1
(EXTERNAL)
VOUT
C1
L2
C3
* 12mV FOR LT1617-1
OPERATIO
The LT1617 uses a constant off-time control scheme to
provide high efficiencies over a wide range of output
current. Operation can be best understood by referring to
the block diagram in Figure 1. Q1 and Q2 along with R3 and
R4 form a bandgap reference used to regulate the output
voltage. When the voltage at the NFB pin is slightly below
–1.23V, comparator A1 disables most of the internal
circuitry. Output current is then provided by capacitor C2,
which slowly discharges until the voltage at the NFB pin
goes above the hysteresis point of A1 (typical hysteresis
at the NFB pin is 8mV). A1 then enables the internal
circuitry, turns on power switch Q3, and the current in
inductors L1 and L2 begins ramping up. Once the switch
current reaches 350mA, comparator A2 resets the one-
shot, which turns off Q3 for 400ns. L2 continues to deliver
current to the output while Q3 is off. Q3 turns on again and
the inductor currents ramp back up until the switch
current reaches 350mA, then A2 again resets the one-
shot. This switching action continues until the output
voltage is charged up (until the NFB pin reaches –1.23V),
then A1 turns off the internal circuitry and the cycle
repeats. The LT1617-1 operates in the same manner,
except the switch current is limited to 100mA (the A2
reference voltage is 12mV instead of 42mV).


Similar Part No. - LT1617

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1617 LINER-LT1617 Datasheet
143Kb / 8P
   Micropower Inverting DC/DC Converters in SOT-23
LT1617-1 LINER-LT1617-1 Datasheet
143Kb / 8P
   Micropower Inverting DC/DC Converters in SOT-23
LT1617-1 LINER-LT1617-1 Datasheet
148Kb / 8P
   Micropower Inverting DC/DC Converters in SOT-23
LT1617-1 LINER-LT1617-1_15 Datasheet
148Kb / 8P
   Micropower Inverting DC/DC Converters in SOT-23
LT1617ES5 LINER-LT1617ES5 Datasheet
143Kb / 8P
   Micropower Inverting DC/DC Converters in SOT-23
More results

Similar Description - LT1617

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1617 LINER-LT1617 Datasheet
143Kb / 8P
   Micropower Inverting DC/DC Converters in SOT-23
LT1617-1 LINER-LT1617-1_15 Datasheet
148Kb / 8P
   Micropower Inverting DC/DC Converters in SOT-23
logo
Analog Intergrations Co...
AIC1653 AIC-AIC1653 Datasheet
220Kb / 11P
   Micropower Inverting DC/DC Converter in SOT-23-5
logo
Global Mixed-mode Techn...
G5122 GMT-G5122 Datasheet
182Kb / 6P
   Micro-power Inverting DC/DC Converters in SOT-23-5
logo
Linear Technology
LT3483 LINER-LT3483_15 Datasheet
956Kb / 12P
   Inverting Micropower DC/DC Converters with Schottky
LT3483A LINER-LT3483A_15 Datasheet
956Kb / 12P
   Inverting Micropower DC/DC Converters with Schottky
LTC1701 LINER-LTC1701_1 Datasheet
183Kb / 12P
   1MHz Step-Down DC/DC Converters in SOT-23
LTC1701 LINER-LTC1701_15 Datasheet
189Kb / 12P
   1MHz Step-Down DC/DC Converters in SOT-23
LTC1701B LINER-LTC1701B_15 Datasheet
189Kb / 12P
   1MHz Step-Down DC/DC Converters in SOT-23
LT1615 LINER-LT1615 Datasheet
104Kb / 8P
   Micropower Step-Up DC/DC Convertersin SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com