Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1491 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1491
Description  Dual and Quad Micropower Rail-to-Rail Input and Output Op Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1491 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1491_15 Datasheet HTML 2Page - Linear Technology LT1491_15 Datasheet HTML 3Page - Linear Technology LT1491_15 Datasheet HTML 4Page - Linear Technology LT1491_15 Datasheet HTML 5Page - Linear Technology LT1491_15 Datasheet HTML 6Page - Linear Technology LT1491_15 Datasheet HTML 7Page - Linear Technology LT1491_15 Datasheet HTML 8Page - Linear Technology LT1491_15 Datasheet HTML 9Page - Linear Technology LT1491_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1490/LT1491
FREQUENCY (kHz)
1
10
20
30
40
50
10
100
1000
1490/91 G10
0
–10
–20
–30
60
70
–20
0
20
40
60
–40
–60
–80
–100
80
100
VS = ±2.5V
PHASE
GAIN
Gain and Phase Shift
vs Frequency
Slew Rate vs Temperature
Gain Bandwidth Product
vs Temperature
Gain Bandwidth Product and
Phase Margin vs Supply Voltage
PSRR vs Frequency
Gain Bandwidth Product and
Phase Margin vs Load Resistance
CMRR vs Frequency
Channel Separation vs Frequency
Output Impedance vs Frequency
TEMPERATURE (
°C)
–50
0
50
75
1490/91 G12
0.04
0.06
0.10
0.12
0.08
–25
25
100
125
RISING, VS = ±15V
RISING, VS = ±1.5V
FALLING, VS = ±1.5V
FALLING, VS = ±15V
TOTAL SUPPLY VOLTAGE (V)
0
150
160
180
190
200
250
220
10
20
25
45
1490/91 G13
170
230
240
210
10
30
60
20
50
40
515
30
35
40
RL = 10k
f = 1kHz
PHASE MARGIN
GAIN BANDWIDTH
FREQUENCY (kHz)
1
10
120
100
80
60
40
20
100
1490 G14
VS = ±15V
VS = ±1.5V
FREQUENCY (kHz)
1
–20
0
20
40
60
10
100
1490/91 G15
–10
10
30
50
70
80
VS = ±2.5V
POSITIVE SUPPLY
NEGATIVE SUPPLY
LOAD RESISTANCE (k
Ω)
1
50
100
150
200
250
350
10
100
1490/91 G16
300
20
30
40
50
60
80
70
VS = ±2.5V
AV = –1
RF = RG = 100k
f = 1kHz
PHASE MARGIN
GAIN BANDWIDTH
FREQUENCY (kHz)
0.1
90
100
110
120
130
1
10
100
1490/91 G17
80
70
50
40
60
VS = ±15V
FREQUENCY (kHz)
0.1
100
1k
10k
1
10
100
1490/91 G18
10
1
0.1
VS = ±2.5V
AV = 100
AV = 10
AV = 1
TEMPERATURE (
°C)
–50
120
140
160
260
200
0
50
75
1490/91 G11
100
220
240
180
–25
25
100
125
VS = ±15V
VS = ±3V
f = 1kHz
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LT1491_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1491A LINER-LT1491A Datasheet
343Kb / 16P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1491A LINER-LT1491A Datasheet
860Kb / 22P
   Dual/Quad 3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amp
LT1491A LINER-LT1491A Datasheet
234Kb / 18P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1491A LINER-LT1491A Datasheet
1,014Kb / 22P
   3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amps
LT1491A LINER-LT1491A Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
More results

Similar Description - LT1491_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1490 LINER-LT1490 Datasheet
312Kb / 12P
   Dual and Quad Micropower Rail-to-Rail Input and Output Op Amps
LT1490 LINER-LT1490_15 Datasheet
223Kb / 12P
   Dual and Quad Micropower Rail-to-Rail Input and Output Op Amps
LT1467L LINER-LT1467L_15 Datasheet
248Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1466L LINER-LT1466L Datasheet
274Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1466L LINER-LT1466L_15 Datasheet
248Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366 Datasheet
411Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1368 LINER-LT1368_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1369 LINER-LT1369_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1367 LINER-LT1367_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com