Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1018 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1018
Description  Micropower Dual Comparator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1018 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1018_15 Datasheet HTML 6Page - Linear Technology LT1018_15 Datasheet HTML 7Page - Linear Technology LT1018_15 Datasheet HTML 8Page - Linear Technology LT1018_15 Datasheet HTML 9Page - Linear Technology LT1018_15 Datasheet HTML 10Page - Linear Technology LT1018_15 Datasheet HTML 11Page - Linear Technology LT1018_15 Datasheet HTML 12Page - Linear Technology LT1018_15 Datasheet HTML 13Page - Linear Technology LT1018_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT1017/LT1018
10
10178ff
TYPICAL APPLICATIONS
Power Supply Monitor
1.5V Input Flyback Regulator
4
0.01μF
1017/18 TA12
8
1μF
2
3
VIN
330Ω
1N4148
1N4148
1
+
LT1018
160k
100k
120k
390k
LT1004
1.2V
+
VIN
6.00V
5.25V
5.00V
4.75V
LED
OFF
FLASH AT 1Hz
FLASH AT 3Hz
FLASH AT 5Hz
4
HP5082-2810
L1
4.7mH
OUTPUT
5V
1017/18 TA13
8
22μF
6
5
1M
365k
1% FILM
1N4148
120k
56.2k
1%
FILM
L1: RL1123-4.7-RENCO, INC
80% EFFICIENCY AT 2mA OUTPUT
47μF
120k
1%
FILM
7
+
110k
100k
220pF
1.5V
1M
2M
100k
1%
FILM
LT1004
1.2V
1N4148
1/2 LT1018
2
3
1
+
1/2 LT1018
+
0.0022μF


Similar Part No. - LT1018_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1018CH LINER-LT1018CH Datasheet
618Kb / 8P
   Micropower Dual Comparator
LT1018CH LINER-LT1018CH Datasheet
222Kb / 16P
   Micropower Dual Comparator
LT1018CN8 LINER-LT1018CN8 Datasheet
618Kb / 8P
   Micropower Dual Comparator
LT1018CN8 LINER-LT1018CN8 Datasheet
222Kb / 16P
   Micropower Dual Comparator
LT1018CS LINER-LT1018CS Datasheet
618Kb / 8P
   Micropower Dual Comparator
More results

Similar Description - LT1018_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1017 LINER-LT1017 Datasheet
618Kb / 8P
   Micropower Dual Comparator
LTC1040 LINER-LTC1040_09 Datasheet
221Kb / 12P
   Dual Micropower Comparator
LT1017 LINER-LT1017_15 Datasheet
225Kb / 16P
   Micropower Dual Comparator
LTC1040 LINER-LTC1040 Datasheet
1,003Kb / 12P
   Dual Micropower Comparator
LTC1040 LINER-LTC1040_15 Datasheet
227Kb / 12P
   Dual Micropower Comparator
LT1017 LINER-LT1017_1 Datasheet
222Kb / 16P
   Micropower Dual Comparator
logo
Texas Instruments
TLC193 TI-TLC193 Datasheet
354Kb / 23P
[Old version datasheet]   DUAL MICROPOWER LinCMOSE VOLTAGE COMPARATOR
logo
Unisonic Technologies
ULC393 UTC-ULC393 Datasheet
165Kb / 7P
   DUAL MICROPOWER CMOS VOLTAGE COMPARATOR
logo
Texas Instruments
TLC393 TI1-TLC393_13 Datasheet
1Mb / 31P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC193 TI1-TLC193_14 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com