Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3812 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 2SK3812
Description  SWITCHING N-CHANNEL POWER MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3812 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 2SK3812_15 Datasheet HTML 2Page - Renesas Technology Corp 2SK3812_15 Datasheet HTML 3Page - Renesas Technology Corp 2SK3812_15 Datasheet HTML 4Page - Renesas Technology Corp 2SK3812_15 Datasheet HTML 5Page - Renesas Technology Corp 2SK3812_15 Datasheet HTML 6Page - Renesas Technology Corp 2SK3812_15 Datasheet HTML 7Page - Renesas Technology Corp 2SK3812_15 Datasheet HTML 8Page - Renesas Technology Corp 2SK3812_15 Datasheet HTML 9Page - Renesas Technology Corp 2SK3812_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Data Sheet D16738EJ1V0DS
6
2SK3812
SINGLE AVALANCHE CURRENT vs.
INDUCTIVE LOAD
SINGLE AVALANCHE ENERGY
DERATING FACTOR
1
10
100
1000
0.001
0.01
0.1
1
10
IAS = 63 A
EAS = 397 mJ
VDD = 30 V
RG = 25
VGS = 20
→ 0 V
Starting Tch = 25°C
L - Inductive Load - mH
0
20
40
60
80
100
25
50
75
100
125
150
VDD = 30 V
RG = 25
VGS = 20
→ 0 V
IAS
≤ 63 A
Starting Tch - Starting Channel Temperature - °C


Similar Part No. - 2SK3812_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3812-ZP NEC-2SK3812-ZP Datasheet
141Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
2SK3812-ZP ISC-2SK3812-ZP Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3812-ZP RENESAS-2SK3812-ZP Datasheet
276Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2004
More results

Similar Description - 2SK3812_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SK4078 NEC-2SK4078 Datasheet
184Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK4092 NEC-2SK4092 Datasheet
198Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3116 NEC-2SK3116 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
2SK3943 RENESAS-2SK3943_15 Datasheet
265Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP80N04MLG RENESAS-NP80N04MLG_15 Datasheet
356Kb / 12P
   SWITCHING N-CHANNEL POWER MOS FET
NP82N06PLG RENESAS-NP82N06PLG_15 Datasheet
313Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N06VLG RENESAS-NP90N06VLG_15 Datasheet
337Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP60N055KUG RENESAS-NP60N055KUG_15 Datasheet
269Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N04PUF RENESAS-NP90N04PUF_15 Datasheet
274Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3793 RENESAS-2SK3793_15 Datasheet
306Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3811 RENESAS-2SK3811_15 Datasheet
274Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com