Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIA75S358 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA75S358
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (SINGLE OPERATIONAL AMPLIFIER)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA75S358 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA75S358 Datasheet HTML 1Page - KEC(Korea Electronics) KIA75S358 Datasheet HTML 2Page - KEC(Korea Electronics) KIA75S358 Datasheet HTML 3Page - KEC(Korea Electronics) KIA75S358 Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2002. 3. 7
1/4
SEMICONDUCTOR
TECHNICAL DATA
KIA75S358F
BIPOLAR LINEAR INTERGRATED CIRCUIT
Revision No : 3
SINGLE OPERATIONAL AMPLIFIER
In the Linear Mode the Input Common Mode Voltage
Range Includes Ground.
Low Power Dissipation and Power Drain Suitable for
Battery Operation.
Differential Input Voltage Range Equal to the Power
Supply Voltage.
Wide Power Supply Voltage Range and Signal Power
Supply : Single Supply 3VDC to 36VDC
Dual Supplies
1.5VDC to
18VDC
Large Output Voltage Swing : 0VDC to VCC-1.5VDC
Low Input Biasing Current : II=45nADC (Typ.)
PIN CONNECTION (TOP VIEW)
12
3
54
OUT
IN (+)
IN (-)
VCC
VEE
_
DIM MILLIMETERS
A
B
D
E
TSV
2.9 0.2
1.6+0.2/-0.1
0.70 0.05
0.4 0.1
2.8+0.2/-0.3
1.9 0.2
0.95
0.16 0.05
0.00-0.10
0.25+0.25/-0.15
C
F
G
H
I
J
K0.60
L0.55
B
E
H
J
J
2
3
15
4
+_
+_
+_
+_
+_
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VCC
36, +18
V
VEE
0, -18
Differential Input Voltage
DVIN
36
V
Input Voltage
VIN
-0.3 36
V
Power Dissipation
PD
200
mW
Operating Temperature
Topr
-40 85
Storage Temperature
Tstg
-55 125
MAXIMUM RATING (Ta=25 )
12
3
54
Marking (TOP VIEW)
Lot No.
358


Similar Part No. - KIA75S358

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA75S358F KEC-KIA75S358F_15 Datasheet
357Kb / 4P
   BIPOLAR LINEAR INTERGRATED CIRCUIT
More results

Similar Description - KIA75S358

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA75S558F KEC-KIA75S558F Datasheet
81Kb / 3P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (SINGLE LOW NOISE OPERATIONAL AMPLIFIER)
KIA324P KEC-KIA324P Datasheet
81Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (QUAD OPERATIONAL AMPLIFIER)
KIA358P KEC-KIA358P Datasheet
88Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL OPERATIONAL AMPLIFIER)
KIA4559P KEC-KIA4559P Datasheet
92Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL LOW NOISE OPERATIONAL AMPLIFIER)
KIA4558P KEC-KIA4558P Datasheet
93Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL LOW NOISE OPERATIONAL AMPLIFIER)
logo
NTE Electronics
NTE996 NTE-NTE996 Datasheet
23Kb / 3P
   Linear Integrated Circuit Operational Transconductance Amplifier
logo
KEC(Korea Electronics)
KIA6278P KEC-KIA6278P Datasheet
104Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (1W SINGLE AUDIO POWER AMPLIFIER)
KIA75S393F KEC-KIA75S393F Datasheet
79Kb / 3P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (SINGLE COMPARATOR)
KIA6225P KEC-KIA6225P Datasheet
115Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL PRE-AMPLIFIER)
KIA6213S KEC-KIA6213S Datasheet
638Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (AUDIO POWER AMPLIFIER)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com