Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P00500214LA Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P00500214LA
Description  Heavy-Duty Power Extension Cord, 15A, 14AWG (Left Angle IEC-320-C14 to IEC-320-C13), 2-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P00500214LA Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P00500214LA Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P00500214LA Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Heavy-Duty Power Extension Cord, 15A, 14AWG
(Left Angle IEC-320-C14 to IEC-320-C13), 2-ft.
MODEL NUMBER: P005-002-14LA
Description
Use Tripp Lite's P005-002-14LA in server applications that require a higher rated, heavier gauge cable, and in
which space is in high demand. The left-angle C14 connector on this power cord is perfect for saving space in
tight areas, such as in the back of your rack enclosure cabinet. When plugged in, it seats flush against the back of a device (e.g. PDU, UPS, etc.), providing
space for your rack door to close, or additional room to organize a tight area. C13 to Left-Angle C14 connectors, 3 x 14 AWG conductors, 15A rating,
100-250V, SJT jacket. Tripp Lite Lifetime Limited Warranty.
Features
Molded, Heavy-Duty Power Cable, 2 ft.
IEC-60320-C13 to Left-Angle IEC-60320-C14 connectors
Left-angle C14 connector is perfect for saving space in tight areas
14 AWG x 3C, 15A, 100-250V, SJT jacket
RoHS Compliant
UL Listed
Specifications
INPUT
Cable Length (ft.)
2
Cable Length (m)
0.61
PHYSICAL
Color
Black
Highlights
2 ft. C13 to Left-Angle C14
Power Cord
14 AWG x 3C, 15A, 100-250V,
SJT
UL Listed
Applications
The left-angle C14 connector on this
power cord is perfect for saving space
in tight areas, such as in the back of
your rack enclosure cabinet. When
plugged in, it seats flush against the
back of a device (e.g. PDU, UPS,
etc.), providing space for your rack
door to close, or additional room to
organize a tight area.
Package Includes
P005-002-14LA C13 to
Left-Angle C14 Power Cord
1 / 2


Similar Part No. - P00500214LA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P00500214RA TRIPPLITE-P00500214RA Datasheet
509Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14AWG (Right Angle IEC-320-C14 to IEC-320-C13), 2-ft
More results

Similar Description - P00500214LA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P005002 TRIPPLITE-P005002 Datasheet
484Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 2-ft
P00500614LA TRIPPLITE-P00500614LA Datasheet
512Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14AWG (Left Angle IEC-320-C14 to IEC-320-C13, 6-ft
P00501014LA TRIPPLITE-P00501014LA Datasheet
511Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14AWG (Left Angle IEC-320-C14 to IEC-320-C13), 10-ft
P005006 TRIPPLITE-P005006 Datasheet
485Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 6-ft
P005010 TRIPPLITE-P005010 Datasheet
484Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 10-ft
P00500214RA TRIPPLITE-P00500214RA Datasheet
509Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14AWG (Right Angle IEC-320-C14 to IEC-320-C13), 2-ft
P00512N TRIPPLITE-P00512N Datasheet
485Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 1-ft
P00500614RA TRIPPLITE-P00500614RA Datasheet
509Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14AWG (Right Angle IEC-320-C14 to IEC-320-C13), 6-ft
P00501014RA TRIPPLITE-P00501014RA Datasheet
509Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14AWG (Right Angle IEC-320-C14 to IEC-320-C13), 10-ft
P047002 TRIPPLITE-P047002 Datasheet
479Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C19 to IEC-320-C14), 2-ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com