Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSK4804 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK4804
Description  SiC HALF BRIDGE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4804 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK4804_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4804_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4804_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4804_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4804_15 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4804_15 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK4804_15 Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
4804
FEATURES:
Half Bridge Configuration
Silicon Carbide Mosfet Provides Ultra Fast Switching
Silicon Carbide Diode Provides Near Zero Recovery
1200V Rated Voltage
100A Continuous Output Current
Internal Zener Clamps on Gates
HI-REL Screening Available (Modified 38534)
Light Weight Domed AISiC Baseplate
Robust Mechanical Design for Hi-Rel Applications
Ultra-Low Inductance Internal Layout
Withstands 96 Hours HAST and Thermal Cycling (-55°C to +125°C)
Contact MSK for MIL-PRF-38534 (Modified) Qualification Status
MIL-PRF-38534 AND 38535 CERTIFIED FACILITY
1200V/100A
SiC HALF BRIDGE
PEM
EQUIVALENT SCHEMATIC
DESCRIPTION:
The MSK 4804 is one of a family of plastic encapsulated modules (PEM) developed specifically for use in military,
aerospace and other severe environment applications. The SiC(Silicon Carbide) technology has superior switching perfor-
mance compared to Si-Based modules. The half bridge configuration and 1200V/100A rating make it ideal for use in high
current motor drive and inverter applications. The Aluminum Silicon Carbide (AlSiC) baseplate offers superior flatness and
light weight; far better than copper or copper alloys found in most high power plastic modules. The high thermal conductiv-
ity materials used to construct the MSK 4804 allow high power outputs at elevated baseplate temperatures.
TYPICAL APPLICATIONS
1
Motor Drives
Inverters
8548-101 Rev. D 4/13


Similar Part No. - MSK4804_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4804 MSK-MSK4804_15 Datasheet
840Kb / 7P
   Silicon Carbide Mosfet Provides Ultra Fast Switching
More results

Similar Description - MSK4804_15

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK4804 ANAREN-MSK4804 Datasheet
780Kb / 8P
   1200V/100A SiC HALF BRIDGE PEM
logo
ON Semiconductor
NXH006P120MNF2PTG ONSEMI-NXH006P120MNF2PTG Datasheet
2Mb / 10P
   F2-Half Bridge SiC MOSFET Module
August 2021 ??Rev. 0
logo
Solid States Devices, I...
PM0027A SSDI-PM0027A_15 Datasheet
140Kb / 3P
   HALF BRIDGE
PM0028A SSDI-PM0028A Datasheet
148Kb / 3P
   HALF BRIDGE
PM0027A SSDI-PM0027A Datasheet
140Kb / 3P
   HALF BRIDGE
PM0028A SSDI-PM0028A_15 Datasheet
148Kb / 3P
   HALF BRIDGE
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com