Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSK4413 Datasheet(PDF) 6 Page - M.S. Kennedy Corporation

Part # MSK4413
Description  28V/160A Brushless DC motor control capability.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4413 Datasheet(HTML) 6 Page - M.S. Kennedy Corporation

  MSK4413_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4413_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4413_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4413_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4413_15 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4413_15 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MECHANICAL SPECIFICATIONS CONT'D
6
WEIGHT=900 GRAMS TYPICAL
The information contained herein is believed to be accurate at the time of printing. MSK reserves the right to make
changes to its products or specifications without notice, however, and assumes no liability for the use of its products.
Please visit our website for the most recent revision of this datasheet.
M.S. Kennedy Corp.
4707 Dey Road, Liverpool, New York 13088
Phone (315) 701-6751
FAX (315) 701-6752
www.mskennedy.com
8548-99 Rev. A 3/13


Similar Part No. - MSK4413_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4410D MSK-MSK4410D Datasheet
273Kb / 8P
   10 AMP, 55V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
MSK4410G MSK-MSK4410G Datasheet
273Kb / 8P
   10 AMP, 55V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
MSK4410S MSK-MSK4410S Datasheet
273Kb / 8P
   10 AMP, 55V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
MSK4410U MSK-MSK4410U Datasheet
273Kb / 8P
   10 AMP, 55V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
MSK4410 MSK-MSK4410_15 Datasheet
142Kb / 8P
   55 Volt Motor Supply Voltage
More results

Similar Description - MSK4413_15

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4302 NJRC-NJW4302 Datasheet
209Kb / 18P
   THREE-PHASE DC BRUSHLESS MOTOR CONTROL IC
logo
STEPPERONLINE
42BLS47-24-01 STEPPERONLINE-42BLS47-24-01 Datasheet
119Kb / 1P
   Brushless DC Motor
logo
List of Unclassifed Man...
DB59M024035-A ETC-DB59M024035-A Datasheet
100Kb / 1P
   Brushless Dc motor
logo
promoco-motors.com
33BL PROMOCO-33BL Datasheet
303Kb / 1P
   Brushless DC Motor
57BID01-12 PROMOCO-57BID01-12 Datasheet
322Kb / 1P
   Brushless DC Motor
logo
List of Unclassifed Man...
DB59C024035-A ETC-DB59C024035-A Datasheet
100Kb / 1P
   brushless dc motor
DF45L024048-A2 ETC-DF45L024048-A2 Datasheet
139Kb / 1P
   Brushless Dc Motor
logo
STEPPERONLINE
36BLR45-12-01 STEPPERONLINE-36BLR45-12-01 Datasheet
109Kb / 1P
   Brushless DC Motor
36BLR55-24-01 STEPPERONLINE-36BLR55-24-01 Datasheet
108Kb / 1P
   Brushless DC Motor
42BLR53-12-01 STEPPERONLINE-42BLR53-12-01 Datasheet
109Kb / 1P
   Brushless DC Motor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com