Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSK4411 Datasheet(PDF) 5 Page - M.S. Kennedy Corporation

Part # MSK4411
Description  Shoot-through, Cross Conduction Protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4411 Datasheet(HTML) 5 Page - M.S. Kennedy Corporation

  MSK4411_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4411_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4411_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4411_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4411_15 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4411_15 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK4411_15 Datasheet HTML 7Page - M.S. Kennedy Corporation MSK4411_15 Datasheet HTML 8Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BUS VOLTAGE FILTER CAPACITORS
The size and placement of the capacitors for the DC bus has a direct bearing on the amount of noise filtered and also on the size and
duration of the voltage spikes seen by the bridge. What is being created is a series RLC tuned circuit with a resonant frequency that is
seen as a damped ringing every time one of the transistors switches. For the resistance, wire resistance, power supply impedance and
capacitor ESR all add up for the equivalent lumped resistance in the circuit. The inductance can be figured at about 30 nH per inch from
the power supply. Any voltage spikes are on top of the bus voltage and the back EMF from the motor. All this must be taken into account
when designing and laying out the system. If everything has been minimized, there is another solution. A second capacitance between
5 and 10 times the first capacitor and it should either have some ESR or a resistor can be added in series with the second capacitor to
help damp the voltage spikes.
Be careful of the ripple current in all the capacitors. Excessive ripple current, beyond what the capacitors can handle, will destroy the
capacitors.
LOW POWER STARTUP
When starting up a system utilizing the MSK4411 for the first time, there are a few things to keep in mind. First, because of the small size
of the module, short circuiting the output phases either to ground or the DC bus will destroy the bridge. The current limiting and control only
works for current actually flowing through the bridge. The current limit sensor has to see the current in order for the electronics to control it.
If possible, for startup use a lower current power supply to test out connections and the low current stability. With a limited current supply,
even if the controller locks up, the dissipation will be limited.
5
APPLICATION NOTES CONTINUED
8548-148 Rev. B 1/15


Similar Part No. - MSK4411_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4411 MSK-MSK4411 Datasheet
775Kb / 8P
   40 AMP, 34V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
More results

Similar Description - MSK4411_15

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4102 MICREL-MIC4102 Datasheet
645Kb / 17P
   100V Half Bridge MOSFET Driver with Anti-Shoot Through Protection
logo
Fairchild Semiconductor
AN-6003 FAIRCHILD-AN-6003 Datasheet
133Kb / 6P
   Shoot-through in Synchronous Buck Converters
logo
Microchip Technology
MIC4102 MICROCHIP-MIC4102 Datasheet
703Kb / 28P
   100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
07/14/15
MIC4102 MICROCHIP-MIC4102_V01 Datasheet
2Mb / 28P
   100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
Revision B (May 2022)
logo
Infineon Technologies A...
TLE6281G INFINEON-TLE6281G_07 Datasheet
300Kb / 15P
   H-Bridge Driver IC Adjustable dead time with shoot through protection
Rev 2.3 2007-01-11
logo
MIC GROUP RECTIFIERS
MIC4102 MIC-MIC4102_11 Datasheet
646Kb / 17P
   100V Half Bridge MOSFET Driver with Anti-Shoot Through Protection PRELIMINARY SPECIFICATIONS
logo
Infineon Technologies A...
TLE6284G INFINEON-TLE6284G_07 Datasheet
256Kb / 16P
   H-Bridge Driver IC Deactivation of dead time and shoot through protection possible
Rev 2.3 2007-01-11
logo
Microchip Technology
MIC4605 MICROCHIP-MIC4605 Datasheet
1Mb / 34P
   85V Half-Bridge MOSFET Driver with Adaptive Dead Time and Shoot-Through Protection
Revision E December 2019
logo
Texas Instruments
UCC27282 TI1-UCC27282 Datasheet
2Mb / 36P
[Old version datasheet]   120-V Half-Bridge Driver with Cross Conduction Protection and Low Switching Losses
logo
Microchip Technology
MIC4606 MICROCHIP-MIC4606 Datasheet
2Mb / 40P
   85V Full-Bridge MOSFET Drivers with Adaptive Dead Time and Shoot-Through Protection
Revision D December 2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com