Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSK4361 Datasheet(PDF) 5 Page - M.S. Kennedy Corporation

Part # MSK4361
Description  75 Volt Motor Supply Voltage
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4361 Datasheet(HTML) 5 Page - M.S. Kennedy Corporation

  MSK4361_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4361_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4361_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4361_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4361_15 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4361_15 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK4361_15 Datasheet HTML 7Page - M.S. Kennedy Corporation MSK4361_15 Datasheet HTML 8Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
APPLICATION NOTES CONTINUED
BUS VOLTAGE FILTER CAPACITORS
The size and placement of the capacitors for the DC bus has a direct bearing on the amount of noise filtered and also on the size and
duration of the voltage spikes seen by the bridge. What is being created is a series RLC tuned circuit with a resonant frequency that is
seen as a damped ringing every time one of the transistors switches. For the resistance, wire resistance, power supply impedance and
capacitor ESR all add up for the equivalent lumped resistance in the circuit. The inductance can be figured at about 30 nH per inch from
the power supply. Any voltage spikes are on top of the bus voltage and the back EMF from the motor. All this must be taken into account
when designing and laying out the system. If everything has been minimized, there is another solution. A second capacitance between
5 and 10 times the first capacitor and it should either have some ESR or a resistor can be added in series with the second capacitor to
help damp the voltage spikes.
Be careful of the ripple current in all the capacitors. Excessive ripple current, beyond what the capacitors can handle, will destroy the
capacitors.
GENERAL LAYOUT
Good PC layout techniques are a must. Ground planes for the analog circuitry must be used and should be tied back to the small pin
grounds 9, 14 and 23. Additional ground, pin 26 is an isolated ground that connects internally directly back to the main DC bus ground
pin 27. This can be used as necessary for voltage sensing, etc.
LOW POWER STARTUP
When starting up a system utilizing the MSK4361 for the first time, there are a few things to keep in mind. First, because of the small size
of the module, short circuiting the output phases either to ground or the DC bus will destroy the bridge. The current limiting and control only
works for current actually flowing through the bridge. The current sense resistor has to see the current in order for the electronics to control it.
If possible, for startup use a lower voltage and lower current power supply to test out connections and the low current stability. With a limited
current supply, even if the controller locks up, the dissipation will be limited. By observing the E/A OUT pin which is the error amp output, much
can be found out about the health and stability of the system. An even waveform with some rounded triangle wave should be observed. As
current goes up, the DC component of the waveform should move up or down. At full current (with a regular supply) the waveform should not
exceed +8 volts positive peak, or -8 volts negative peak. Some audible noise will be heard which will be the commutation frequency. If the
motor squeals, there is instability and power should be removed immediately unless power dissipation isn't excessive due to limited supply
current. For compensation calculations, refer to the block diagram for all information to determine the amplifier gain for loop gain calculations.
5
8548-146 Rev. J 1/15


Similar Part No. - MSK4361_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4361D MSK-MSK4361D Datasheet
297Kb / 7P
   30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4361ED MSK-MSK4361ED Datasheet
297Kb / 7P
   30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4361ES MSK-MSK4361ES Datasheet
297Kb / 7P
   30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4361EU MSK-MSK4361EU Datasheet
297Kb / 7P
   30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4361HD MSK-MSK4361HD Datasheet
297Kb / 7P
   30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
More results

Similar Description - MSK4361_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4362 MSK-MSK4362_15 Datasheet
948Kb / 9P
   75 Volt Motor Supply Voltage
MSK4363 MSK-MSK4363_15 Datasheet
196Kb / 7P
   75 Volt Motor Supply Voltage
MSK4251 MSK-MSK4251_15 Datasheet
137Kb / 6P
   75 Volt Motor Supply Voltage
MSK4250 MSK-MSK4250_15 Datasheet
136Kb / 6P
   75 Volt Motor Supply Voltage
MSK4252 MSK-MSK4252_15 Datasheet
151Kb / 6P
   75 Volt Motor Supply Voltage
MSK4253 MSK-MSK4253_15 Datasheet
161Kb / 6P
   55 Volt Motor Supply Voltage
MSK4324 MSK-MSK4324_15 Datasheet
936Kb / 8P
   200 Volt Motor Supply Voltage
MSK4360 MSK-MSK4360_15 Datasheet
158Kb / 8P
   55 Volt Motor Supply Voltage
MSK4470 MSK-MSK4470_15 Datasheet
219Kb / 7P
   500 Volt Motor Supply Voltage
MSK4310 MSK-MSK4310_15 Datasheet
164Kb / 5P
   55 Volt Motor Supply Voltage
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com