Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSK4360 Datasheet(PDF) 4 Page - M.S. Kennedy Corporation

Part # MSK4360
Description  55 Volt Motor Supply Voltage
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4360 Datasheet(HTML) 4 Page - M.S. Kennedy Corporation

  MSK4360_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4360_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4360_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4360_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4360_15 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4360_15 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK4360_15 Datasheet HTML 7Page - M.S. Kennedy Corporation MSK4360_15 Datasheet HTML 8Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1
= High Level
H
= SOURCE
NOTE:
Because of the true 4 quadrant method of output switching,
0
= Low Level
L
= SINK
the output switches will PWM between the ICOMMAND POSITIVE
X
= Don't Care
-
= OPEN
and ICOMMAND NEGATIVE states, with the average percentage
based on ICOMMAND being a positive voltage and a negative
voltage. With a zero voltage ICOMMAND, the output switches will
modulate with exactly a 50% duty cycle between the
ICOMMAND POSITIVE and ICOMMAND NEGATIVE states.
COMMUTATION TRUTH TABLE
HALL SENSOR PHASING
ICOMMAND = POS.
ICOMMAND = NEG.
120°
HALL
A
1
1
0
0
0
1
1
0
X
HALL
B
0
1
1
1
0
0
1
0
X
HALL
C
0
0
0
1
1
1
1
0
X
H
-
L
L
-
H
-
-
L
-
H
H
-
L
L
-
-
L
L
L
-
H
H
-
-
-
L
L
-
H
H
-
L
-
-
L
-
L
L
-
H
H
-
-
L
H
H
-
L
L
-
-
-
L
4
APPLICATION NOTES CONTINUED
8548-74 Rev. N 12/14


Similar Part No. - MSK4360_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4360D MSK-MSK4360D Datasheet
294Kb / 7P
   10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4360ED MSK-MSK4360ED Datasheet
294Kb / 7P
   10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4360ES MSK-MSK4360ES Datasheet
294Kb / 7P
   10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4360EU MSK-MSK4360EU Datasheet
294Kb / 7P
   10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4360HD MSK-MSK4360HD Datasheet
294Kb / 7P
   10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
More results

Similar Description - MSK4360_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4253 MSK-MSK4253_15 Datasheet
161Kb / 6P
   55 Volt Motor Supply Voltage
MSK4310 MSK-MSK4310_15 Datasheet
164Kb / 5P
   55 Volt Motor Supply Voltage
MSK4410 MSK-MSK4410_15 Datasheet
142Kb / 8P
   55 Volt Motor Supply Voltage
MSK4361 MSK-MSK4361_15 Datasheet
816Kb / 8P
   75 Volt Motor Supply Voltage
MSK4362 MSK-MSK4362_15 Datasheet
948Kb / 9P
   75 Volt Motor Supply Voltage
MSK4363 MSK-MSK4363_15 Datasheet
196Kb / 7P
   75 Volt Motor Supply Voltage
MSK4251 MSK-MSK4251_15 Datasheet
137Kb / 6P
   75 Volt Motor Supply Voltage
MSK4324 MSK-MSK4324_15 Datasheet
936Kb / 8P
   200 Volt Motor Supply Voltage
MSK4252 MSK-MSK4252_15 Datasheet
151Kb / 6P
   75 Volt Motor Supply Voltage
MSK4470 MSK-MSK4470_15 Datasheet
219Kb / 7P
   500 Volt Motor Supply Voltage
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com