Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25R3235F Datasheet(PDF) 6 Page - Macronix International

Part # MX25R3235F
Description  Wide Vcc Range, 32M-BIT
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25R3235F Datasheet(HTML) 6 Page - Macronix International

Back Button MX25R3235F Datasheet HTML 2Page - Macronix International MX25R3235F Datasheet HTML 3Page - Macronix International MX25R3235F Datasheet HTML 4Page - Macronix International MX25R3235F Datasheet HTML 5Page - Macronix International MX25R3235F Datasheet HTML 6Page - Macronix International MX25R3235F Datasheet HTML 7Page - Macronix International MX25R3235F Datasheet HTML 8Page - Macronix International MX25R3235F Datasheet HTML 9Page - Macronix International MX25R3235F Datasheet HTML 10Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 89 page
background image
6
ADVANCED INFORMATION
REV. 0.02, FEB. 06, 2015
MX25R3235F
P/N: PM2138
2. GENERAL DESCRIPTION
MX25R3235F is 32Mb bits serial Flash memory, which is configured as 4,194,304 x 8 internally. When it is in four I/
O mode, the structure becomes 8,388,608 bits x 4 or 16,777,216 bits x 2. MX25R3235F feature a serial peripheral
interface and software protocol allowing operation on a simple 3-wire bus while it is in single I/O mode. The three
bus signals are a clock input (SCLK), a serial data input (SI), and a serial data output (SO). Serial access to the
device is enabled by CS# input.
When it is in two I/O read mode, the SI pin and SO pin become SIO0 pin and SIO1 pin for address/dummy bits
input and data output. When it is in four I/O read mode, the SI pin, SO pin, WP# pin and Reset# pin become SIO0
pin, SIO1 pin, SIO2 pin and SIO3 pin for address/dummy bits input and data output.
The MX25R3235F MXSMIO® (Serial Multi I/O) provides sequential read operation on whole chip.
After program/erase command is issued, auto program/ erase algorithms which program/ erase and verify the
specified page or sector/block locations will be executed. Program command is executed on byte basis, or page (256
bytes) basis, or word basis for erase command is executed on sector (4K-byte), or 32KB block (32K-byte), or block
(64K-byte), or whole chip basis.
To provide user with ease of interface, a status register is included to indicate the status of the chip. The status read
command can be issued to detect completion status of a program or erase operation via WIP bit.
Advanced security features enhance the protection and security functions, please see security features section for
more details.
The MX25R3235F utilizes Macronix's proprietary memory cell, which reliably stores memory contents even after
100,000 program and erase cycles.


Similar Part No. - MX25R3235F

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25R1035F MCNIX-MX25R1035F Datasheet
1Mb / 87P
   Wide Vcc Range, 1M-BIT
MX25R1035FZUIL0 MCNIX-MX25R1035FZUIL0 Datasheet
1Mb / 73P
   ULTRA LOW POWER, 1M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25R1635F MCNIX-MX25R1635F Datasheet
1Mb / 88P
   Wide Vcc Range, 16M-BIT
MX25R2035F MCNIX-MX25R2035F Datasheet
1Mb / 88P
   Wide Vcc Range, 2M-BIT
MX25R4035F MCNIX-MX25R4035F Datasheet
1Mb / 88P
   Wide Vcc Range, 4M-BIT
More results

Similar Description - MX25R3235F

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25R1635F MCNIX-MX25R1635F Datasheet
1Mb / 88P
   Wide Vcc Range, 16M-BIT
MX25R4035F MCNIX-MX25R4035F Datasheet
1Mb / 88P
   Wide Vcc Range, 4M-BIT
MX25R1035F MCNIX-MX25R1035F Datasheet
1Mb / 87P
   Wide Vcc Range, 1M-BIT
MX25R512F MCNIX-MX25R512F Datasheet
1Mb / 85P
   Wide Vcc Range, 512K-BIT
MX25R2035F MCNIX-MX25R2035F Datasheet
1Mb / 88P
   Wide Vcc Range, 2M-BIT
MX25R8035F MCNIX-MX25R8035F Datasheet
1Mb / 89P
   Wide Vcc Range 8M-BIT [x 1/x 2/x 4] CMOS MXSMIO
MX25R6435F MCNIX-MX25R6435F Datasheet
1Mb / 77P
   Wide Vcc Range 64M-BIT [x 1/x 2/x 4] CMOS MXSMIO
logo
Linear Technology
LTC3711 LINER-LTC3711_15 Datasheet
306Kb / 24P
   5-Bit Adjustable, Wide Operating Range
logo
ELM Electronics
GD25LQ32C ELM-GD25LQ32C Datasheet
3Mb / 62P
   32M-bit Serial Flash
logo
SONiX Technology Compan...
SNR032 SONIX-SNR032 Datasheet
250Kb / 10P
   32M-bit Mask ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com