Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2V56D20ATP-10 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M2V56D20ATP-10
Description  256M Double Data Rate Synchronous DRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M2V56D20ATP-10 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M2V56D20ATP-10 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M2V56D20ATP-10 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M2V56D20ATP-10 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M2V56D20ATP-10 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M2V56D20ATP-10 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M2V56D20ATP-10 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M2V56D20ATP-10 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M2V56D20ATP-10 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M2V56D20ATP-10 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
1
MITSUBISHI ELECTRIC
Jul. '01 Preliminary
MITSUBISHI LSIs
DDR SDRAM (Rev.1.0)
M2S56D20/ 30/ 40AKT
256M Double Data Rate Synchronous DRAM
PRELIMINARY
Some of contents are subject to change without notice.
DESCRIPTION
M2S56D20AKT is a 4-bank x 16,777,216-word x 4-bit,
M2S56D30AKT is a 4-bank x 8,388,608-word x 8-bit,
M2S56D40AKT is a 4-bank x 4,194,304-word x 16-bit,
double data rate synchronous DRAM, with SSTL_2 interface. All control and address signals are
referenced to the rising edge of CLK. Input data is registered on both edges of data strobe, and output
data and data strobe are referenced on both edges of CLK. The M2S56D20/30/40AKT achieves very
high speed data rate up to 133MHz, and are suitable for main memory in computer systems.
FEATURES
- Vdd=Vddq=2.5V+0.2V
- Double data rate architecture;
two data transfers per clock cycle
- Bidirectional, data strobe (DQS) is transmitted/received with data
- Differential clock inputs (CLK and /CLK)
- DLL aligns DQ and DQS transitions
with CLK transitions edges of DQS
- Commands entered on each positive CLK edge;
- data and data mask referenced to both edges of DQS
- 4 bank operation controlled by BA0, BA1 (Bank Address)
- /CAS latency- 2.0/2.5 (programmable)
- Burst length- 2/4/8 (programmable)
- Burst type- sequential / interleave (programmable)
- Auto precharge / All bank precharge controlled by A10
- 8192 refresh cycles /64ms (4 banks concurrent refresh)
- Auto refresh and Self refresh
- Row address A0-12 / Column address A0-9,11(x4)/ A0-9(x8)/ A0-8(x16)
- SSTL_2 Interface
- 400-mil, 66-pin Thin Small Outline Package (TSOP II)
- JEDEC standard
125MHz
100MHz
-10
CL=2.5 *
CL=2 *
133MHz
133MHz
133MHz
-75A
100MHz
-75
Clock Rate
Speed
Grade
Operating Frequencies
* CL = CAS(Read) Latency


Similar Part No. - M2V56D20ATP-10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M2V56D20ATP-10 MITSUBISHI-M2V56D20ATP-10 Datasheet
824Kb / 37P
   256M Double Data Rate Synchronous DRAM
More results

Similar Description - M2V56D20ATP-10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M2S56D20 MITSUBISHI-M2S56D20 Datasheet
824Kb / 37P
   256M Double Data Rate Synchronous DRAM
logo
Elpida Memory
M2S56D20ATP ELPIDA-M2S56D20ATP Datasheet
644Kb / 41P
   256M Double Data Rate Synchronous DRAM
logo
Mitsubishi Electric Sem...
M2S56D20TP MITSUBISHI-M2S56D20TP Datasheet
300Kb / 36P
   256M Double Data Rate Synchronous DRAM
M2S12D20 MITSUBISHI-M2S12D20 Datasheet
754Kb / 38P
   512M Double Data Rate Synchronous DRAM
M2S28D20ATP MITSUBISHI-M2S28D20ATP Datasheet
1Mb / 36P
   128M Double Data Rate Synchronous DRAM
logo
Hynix Semiconductor
HY5DU56422DTP HYNIX-HY5DU56422DTP Datasheet
413Kb / 37P
   256M DDR SDRAM (268,435,456-bit CMOS Double Data Rate(DDR) Synchronous DRAM)
logo
Mitsubishi Electric Sem...
M2V56S20ATP MITSUBISHI-M2V56S20ATP Datasheet
690Kb / 49P
   256M Synchronous DRAM
M2V56S20 MITSUBISHI-M2V56S20 Datasheet
431Kb / 51P
   256M Synchronous DRAM
M2V56S20AKT MITSUBISHI-M2V56S20AKT Datasheet
694Kb / 49P
   256M Synchronous DRAM
M2V56S20TP MITSUBISHI-M2V56S20TP Datasheet
280Kb / 49P
   256M Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com