Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BKP1608HS101-TV Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # BKP1608HS101-TV
Description  Multilayer Chip Bead Power Inductors for Automotive
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

BKP1608HS101-TV Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  BKP1608HS101-TV Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
NOISE SUPPRESSION COMPONENTS (High Reliability Application)
Multilayer Chip Bead Power Inductors for Automotive / Industrial Applications (BK series P type)
BKP1608HS101-TV
Features
Item Summary
100Ω, 1.7A, 0603
Lifecycle Stage
Mass Production
AEC-Q200 qualified
Standard packaging quantity (minimum)
Taping 4000pcs
Products characteristics table
CaseSize (EIA/JIS)
0603/1608
Impedance
100Ω
Impedance Measuring Frequency
100MHz
Rated Current
1.7A
DC Resistance (max)
50mΩ
Temperature Range
-55 to +125 ℃
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow/Wave
External Dimensions
L
1.6mm ±0.15
W
0.8mm ±0.15
T
0.8mm ±0.15
e
0.3mm ±0.2
2015.05.27
1 / 1


Similar Part No. - BKP1608HS101-TV

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BKP1608HS101-T TAIYO-YUDEN-BKP1608HS101-T Datasheet
167Kb / 1P
   Multilayer Chip Bead Inductors for Power Lines (BK series P type)
BKP1608HS101-T TAIYO-YUDEN-BKP1608HS101-T Datasheet
266Kb / 2P
   Multilayer Chip Bead Inductors for Power Lines (BK series P type)
BKP1608HS101-T TAIYO-YUDEN-BKP1608HS101-T_V01 Datasheet
266Kb / 2P
   Multilayer Chip Bead Inductors for Power Lines (BK series P type)
More results

Similar Description - BKP1608HS101-TV

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BKP1005HM221-TV TAIYO-YUDEN-BKP1005HM221-TV Datasheet
143Kb / 1P
   Multilayer Chip Bead Power Inductors for Automotive
BKP1005HS330-TV TAIYO-YUDEN-BKP1005HS330-TV Datasheet
143Kb / 1P
   Multilayer Chip Bead Power Inductors for Automotive
BKP2125HS221-TV TAIYO-YUDEN-BKP2125HS221-TV Datasheet
143Kb / 1P
   Multilayer Chip Bead Power Inductors for Automotive
BKP2125HS331-TV TAIYO-YUDEN-BKP2125HS331-TV Datasheet
143Kb / 1P
   Multilayer Chip Bead Power Inductors for Automotive
BKP1005HS680-TV TAIYO-YUDEN-BKP1005HS680-TV Datasheet
143Kb / 1P
   Multilayer Chip Bead Power Inductors for Automotive
BKP1005TM121-TV TAIYO-YUDEN-BKP1005TM121-TV Datasheet
143Kb / 1P
   Multilayer Chip Bead Power Inductors for Automotive
BKP1005TS680-TV TAIYO-YUDEN-BKP1005TS680-TV Datasheet
143Kb / 1P
   Multilayer Chip Bead Power Inductors for Automotive
BKP1608HS181-TV TAIYO-YUDEN-BKP1608HS181-TV Datasheet
143Kb / 1P
   Multilayer Chip Bead Power Inductors for Automotive
BKP1608HS271-TV TAIYO-YUDEN-BKP1608HS271-TV Datasheet
143Kb / 1P
   Multilayer Chip Bead Power Inductors for Automotive
BKP1608HS600-TV TAIYO-YUDEN-BKP1608HS600-TV Datasheet
143Kb / 1P
   Multilayer Chip Bead Power Inductors for Automotive
BKP2125HS101-TV TAIYO-YUDEN-BKP2125HS101-TV Datasheet
143Kb / 1P
   Multilayer Chip Bead Power Inductors for Automotive
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com