Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RH1A Datasheet(PDF) 6 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # RH1A
Description  Fast Switching Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

RH1A Datasheet(HTML) 6 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  RH1A Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD RH1A Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD RH1A Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD RH1A Datasheet HTML 4Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD RH1A Datasheet HTML 5Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD RH1A Datasheet HTML 6Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD RH1A Datasheet HTML 7Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
WEJ
ELECTRONIC
CO.,LTD
VRRM
IFSM
VFM
IR
V
A
A
IF(AV)
A
GP15A
GP15B
GP15D
GP15G
GP15J
GP15K
GP15M
PBL401
PBL402
PBL403
PBL404
PBL405
PBL406
PBL407
RC2
RG2
RG4C
RGP10A
RGP10B
RGP10D
RGP10G
RGP10J
RGP10K
RGP10M
V
Test
A
Test
50
100
200
400
600
800
1000
50
100
200
400
600
800
1000
2000
400
1000
50
100
200
400
600
800
1000
1.5
1.5
1.5
1.5
1.5
1.5
1.5
4.0
4.0
4.0
4.0
4.0
4.0
4.0
0.2
1.5
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
50
50
50
50
50
50
50
200
200
200
200
200
200
200
20
50
30
30
30
30
30
30
30
30
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
2.0
1.5
3.0
1.3
1.3
1.3
1.3
1.3
1.3
1.3
1.5
1.5
1.5
1.5
1.5
1.5
1.5
3.0
3.0
3.0
3.0
3.0
3.0
3.0
0.2
1.5
2.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
5
5
5
5
5
5
5
10
10
10
10
10
10
10
10
500
10
5
5
5
5
5
5
5
DO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-27
DO-27
DO-27
DO-27
DO-27
DO-27
DO-27
IF=50mA
VR=10V
RL=75
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
Trr
nS
2
2
2
2
2
2
2
--
--
--
--
--
--
--
1.5
0.1
0.1
0.15
0.15
0.15
0.15
0.25
0.5
0.5
IF=0.5A
IR=1.0A
--
--
--
--
--
--
--
IF=0.5A
IR=1.0A
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
Forward
Voltage
Package
Style
TYPE
Peak Forward
Surge Current
Half
sine-wave
Superimposed
Maximum
DC
Reverse
Current
O
TA=25 C
Typical
Reverse
Recovery
Time
Maximum
Average
Forward
Rectified
Current
Silicon And Fast Recovery Rectifiers
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - RH1A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RH1A SANKEN-RH1A Datasheet
19Kb / 1P
   Fast-Recovery Rectifier Diodes
RH1A SANKEN-RH1A Datasheet
78Kb / 2P
   Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
RH1A EIC-RH1A Datasheet
64Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Shenzhen Taychipst Elec...
RH1A TAYCHIPST-RH1A Datasheet
911Kb / 1P
   Fast-Recovery Rectifier Diodes
logo
Sanken electric
RH1A SANKEN-RH1A Datasheet
63Kb / 2P
   Fast Recovery Diodes
More results

Similar Description - RH1A

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
FR255 LRC-FR255_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR255P LRC-FR255P_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR256 LRC-FR256_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR302 LRC-FR302_15 Datasheet
193Kb / 7P
   Fast Switching Rectifiers
FR305 LRC-FR305_15 Datasheet
193Kb / 7P
   Fast Switching Rectifiers
FR306 LRC-FR306_15 Datasheet
193Kb / 7P
   Fast Switching Rectifiers
FR103 LRC-FR103_15 Datasheet
199Kb / 7P
   Fast Switching Rectifiers
FR107 LRC-FR107_15 Datasheet
197Kb / 3P
   Fast Switching Rectifiers
FR157P LRC-FR157P_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR204 LRC-FR204_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR105P LRC-FR105P_15 Datasheet
199Kb / 7P
   Fast Switching Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com