Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3202 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3202
Description  Low Noise, High Efficiency Charge Pump for White LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3202 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3202_15 Datasheet HTML 4Page - Linear Technology LTC3202_15 Datasheet HTML 5Page - Linear Technology LTC3202_15 Datasheet HTML 6Page - Linear Technology LTC3202_15 Datasheet HTML 7Page - Linear Technology LTC3202_15 Datasheet HTML 8Page - Linear Technology LTC3202_15 Datasheet HTML 9Page - Linear Technology LTC3202_15 Datasheet HTML 10Page - Linear Technology LTC3202_15 Datasheet HTML 11Page - Linear Technology LTC3202_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC3202
3202fa
Flying Capacitor Selection
Warning: A polarized capacitor such as tantalum or alumi-
num should never be used for the flying capacitors since
their voltage can reverse upon start-up of the LTC3202.
Ceramic capacitors should always be used for the flying
capacitors.
The flying capacitor controls the strength of the charge
pump. In order to achieve the rated output current it is
necessary to have at least 0.7
µF of capacitance for each of
the flying capacitors.
Capacitors of different materials lose their capacitance
with higher temperature and voltage at different rates. For
example, a ceramic capacitor made of X7R material will
retain most of its capacitance from –40
°Cto85°Cwhereas
a Z5U or Y5V style capacitor will lose considerable capaci-
tance over that range. Z5U and Y5V capacitors may also
have a very poor voltage coefficient causing them to lose
60% or more of their capacitance when the rated voltage
is applied. Therefore, when comparing different capaci-
tors it is often more appropriate to compare the amount of
achievable capacitance for a given case size rather than
comparing the specified capacitance value. For example,
over rated voltage and temperature conditions, a 1
µF,10V,
Y5V ceramic capacitor in a 0603 case may not provide any
more capacitance than a 0.22
µF, 10V, X7R available in the
same 0603 case. The capacitor manufacturer’s data sheet
should be consulted to determine what value of capacitor
is needed to ensure minimum capacitances at all tempera-
tures and voltages.
Table 2 shows a list of ceramic capacitor manufacturers
and how to contact them:
Table 2 Recommended Capacitor Vendors
AVX
www.avxcorp.com
Kemet
www.kemet.com
Murata
www.murata.com
Taiyo Yuden
www.t-yuden.com
Vishay
www.vishay.com
For very light load applications the flying capacitor may be
reduced to save space or cost. The theoretical minimum
output resistance of a 2:3 fractional charge pump is given
by:
R
VV
If
C
OL MIN
IN
OUT
OUT
SC FLY
()
.–
≡=
15
1
2 0
Where fOSC is the switching frequency (1.5MHz typ) and
CFLY is the value of the flying capacitors. Note that the
charge pump will typically be weaker than the theoretical
limit due to additional switch resistance, however for very
light load applications the above expression can be used
as a guideline in determining a starting capacitor value.
Power Efficiency
The power efficiency (
η) of the LTC3202 is similar to that
of a linear regulator with an effective input voltage of 1.5
times the actual input voltage. This occurs because the
input current for a 2:3 fractional charge pump is approxi-
mately 1.5 times the load current. In an ideal regulating 2:3
charge pump the power efficiency would be given by:
η
IDEAL
OUT
IN
OUT
OUT
IN
OUT
OUT
IN
P
P
VI
VI
V
V
≡=
=
.
3
2
15
At moderate to high output power the switching losses
and quiescent current of the LTC3202 are negligible and
the expression above is valid. For example with VIN = 3.2V,
IOUT = 80mA and VOUT regulating to 4.2V the measured
efficiency is 82% which is just under the theoretical 87.5%
calculation.
OPERATIO
Figure 5. 10nH Inductor Used for Input Noise Reduction
3202 F05
LTC3202
VIN
VIN
GND
5, 11
4
0.1
µF1µF
10nH


Similar Part No. - LTC3202_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3202EDD LINER-LTC3202EDD Datasheet
252Kb / 12P
   Low Noise, High Efficiency Charge Pump for White LEDs
LTC3202EMS LINER-LTC3202EMS Datasheet
252Kb / 12P
   Low Noise, High Efficiency Charge Pump for White LEDs
More results

Similar Description - LTC3202_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3202 LINER-LTC3202 Datasheet
252Kb / 12P
   Low Noise, High Efficiency Charge Pump for White LEDs
logo
Sipex Corporation
SP6682 SIPEX-SP6682_06 Datasheet
515Kb / 12P
   High Efficiency Charge Pump Regulator for White LEDs
SP6682 SIPEX-SP6682 Datasheet
190Kb / 12P
   High Efficiency Charge Pump Regulator for White LEDs
logo
Analog Intergrations Co...
AIC1841 AIC-AIC1841 Datasheet
635Kb / 17P
   High Efficiency 1.5X charge Pump For White LEDs Backlighting
AIC1843 AIC-AIC1843 Datasheet
543Kb / 14P
   High Efficiency 1.5X charge Pump For White LEDs Backlighting
logo
Taiwan Memory Technolog...
T6313A TMT-T6313A Datasheet
90Kb / 10P
   Low Noise, High Efficiency WhiteLED Charge Pump
logo
Global Mixed-mode Techn...
G5910 GMT-G5910_15 Datasheet
74Kb / 1P
   High-Efficiency White LED Charge Pump
G5910 GMT-G5910 Datasheet
448Kb / 10P
   High-Efficiency White LED Charge Pump
logo
Exar Corporation
SP6682 EXAR-SP6682 Datasheet
812Kb / 13P
   High Efficiency White LED Charge Pump Regulator
logo
Allegro MicroSystems
A8435 ALLEGRO-A8435 Datasheet
387Kb / 9P
   High Efficiency Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com