Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGP30A Datasheet(PDF) 7 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # RGP30A
Description  Fast Switching Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

RGP30A Datasheet(HTML) 7 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  RGP30A Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD RGP30A Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD RGP30A Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD RGP30A Datasheet HTML 4Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD RGP30A Datasheet HTML 5Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD RGP30A Datasheet HTML 6Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD RGP30A Datasheet HTML 7Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
WEJ
ELECTRONIC
CO.,LTD
VRRM
IFSM
VFM
IR
V
A
A
IF(AV)
A
2CN3
(2CN6)
2CN4
(2CN5)
2CZ32
(2CZ33)
2CZ37
2CZ82
(2CZ83)
(2CZ84)
(2CZ85)
V
Test
A
300
400
600
900
200
300
400
600
100
200
300
400
500
600
800
1000
600
25
30
100
200
300
400
500
600
700
800
900
1000
1.0
1.0
1.0
1.0
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
(0.3)
(0.5)
(1.0)
30
30
30
30
40
40
40
40
50
50
50
50
50
50
50
50
40
10
10
10
10
10
10
10
10
10
10
10
10
(20)
(20)
(30)
1.3
1.4
1.2
1.3
1.3
1.3
1.3
1.3
1.3
1.3
1.3
1.3
1.3
1.3
1.3
1.3
1.2
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
(1.0)
(1.0)
(1.0)
1.0
1.0
1.0
1.0
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
(0.3)
(0.5)
(1.0)
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
5
5
5
5
5
5
5
5
5
5
5
5
(5)
(10)
(10)
DO-15/DO-41
DO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-41
DO-41
DO-41
DO-41
DO-41
DO-41
DO-41
DO-41
DO-41
DO-41
DO-41
DO-41
DO-41
DO-41
DO-41
D
E
G
H
D
E
G
H
B
C
D
E
F
G
H
J
A
B
C
D
E
F
G
H
J
K
L
M
Trr
nS
6
6
6
6
0.5
0.5
0.5
0.5
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
Test
IF=50mA
VR=10V
RL=75
IF=50mA
VR=10V
RL=75
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
Forward
Voltage
Package
Style
TYPE
Peak Forward
Surge Current
Half
sine-wave
Superimposed
Maximum
DC
Reverse
Current
O
TA=25 C
Typical
Reverse
Recovery
Time
Maximum
Average
Forward
Rectified
Current
Silicon And Fast Recovery Rectifiers
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - RGP30A

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGP30A ZOWIE-RGP30A Datasheet
59Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
RGP30A LUGUANG-RGP30A Datasheet
199Kb / 2P
   Fast Recovery Rectifiers
logo
General Semiconductor
RGP30A GE-RGP30A Datasheet
60Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Shenzhen Taychipst Elec...
RGP30A TAYCHIPST-RGP30A Datasheet
4Mb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
RGP30A MCC-RGP30A Datasheet
82Kb / 3P
   3.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
More results

Similar Description - RGP30A

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
FR255 LRC-FR255_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR255P LRC-FR255P_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR256 LRC-FR256_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR302 LRC-FR302_15 Datasheet
193Kb / 7P
   Fast Switching Rectifiers
FR305 LRC-FR305_15 Datasheet
193Kb / 7P
   Fast Switching Rectifiers
FR306 LRC-FR306_15 Datasheet
193Kb / 7P
   Fast Switching Rectifiers
FR103 LRC-FR103_15 Datasheet
199Kb / 7P
   Fast Switching Rectifiers
FR107 LRC-FR107_15 Datasheet
197Kb / 3P
   Fast Switching Rectifiers
FR157P LRC-FR157P_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR204 LRC-FR204_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR105P LRC-FR105P_15 Datasheet
199Kb / 7P
   Fast Switching Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com