Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAM37000-A1 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM37000-A1
Description  Low Noise GaAs MMIC Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM37000-A1 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAM37000-A1_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM37000-A1_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM37000-A1_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Low Noise GaAs MMIC Amplifier
3.5 - 7.0 GHz
Rev. V7
MAAM37000-A1
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Low Noise Figure: 2.2 dB Typical
• High Gain: 17 dB Typical
• Gain Flatness: +0.5 dB
• Single Supply: +4 V
• No External Components Required
• DC Decoupled RF Input and Output
• Lead-Free 8-Lead Ceramic Package
• RoHS* Compliant and 260°C Reflow Compatible
Description
The MAAM37000-A1 is a wide-band, low noise,
MMIC amplifier housed in a small, lead-free, 8-lead
ceramic package. It includes two integrated gain
stages and employs series inductive feedback to
obtain excellent noise figure and a good, 50 Ω, input
and output impedance match over the entire
frequency band.
The MAAM37000-A1 operates
from a single +4 V supply. It is fully monolithic,
requires no external components, and is provided in
a user-friendly, microwave package.
The MAAM37000-A1 performs well as a low noise
amplifier in receive applications and as a driver or
buffer amplifier where high gain, excellent linearity
and low power consumption are important. Because
of its wide bandwidth, the MAAM37000-A1 can be
used in numerous commercial and government
system applications, such as TVRO, VSAT, missile
guidance and radar.
The MAAM37000-A1 is manufactured in-house
using a reliable, 0.5-micron, GaAs MESFET
process. This product is 100% RF tested to ensure
compliance to performance specifications.
Ordering Information
Part Number
Package
MAAM37000-A1
8-lead Ceramic (CR-3)
MAAM37000-A1G
Gull Wing (CR-10)
Absolute Maximum Ratings 2,3
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM Technology does not recommend sustained
operation near these survivability limits.
4. Typical thermal resistance (
Θjc) = +120°C/W
Parameter
Absolute Maximum
VDD
+7 V
Input Power
+20 dBm
Current
150 mA
Channel Temperature
+150°C
Operating Temperature4
-55°C to +100°C
Storage Temperature
-65°C to +150°C
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Functional Schematic
Pin Configuration1
Pin No.
Function
Pin No.
Function
1
Ground
5
Ground
2
Ground
6
RF Output
3
RF Input
7
Ground
4
Ground
8
VDD
1. The package bottom must be connected to RF and DC
ground.


Similar Part No. - MAAM37000-A1_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM37000-A1G MACOM-MAAM37000-A1G Datasheet
122Kb / 2P
   L ow Noise GaAs MMIC Amplifier 3.5 - 7 GHz
logo
M/A-COM Technology Solu...
MAAM37000-A1G MA-COM-MAAM37000-A1G Datasheet
113Kb / 3P
   Low Noise GaAs MMIC Amplifier 3.5 - 7.0 GHz
MAAM37000-A1G MA-COM-MAAM37000-A1G Datasheet
172Kb / 3P
   Low Noise GaAs MMIC Amplifier
MAAM37000-A1_V7 MA-COM-MAAM37000-A1_V7 Datasheet
172Kb / 3P
   Low Noise GaAs MMIC Amplifier
More results

Similar Description - MAAM37000-A1_15

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SPM0103A SANYO-SPM0103A Datasheet
28Kb / 2P
   Low-Noise GaAs Amplifier MMIC
logo
Analog Devices
HMC263LP4E AD-HMC263LP4E Datasheet
1Mb / 7P
   GaAs MMIC LOW NOISE AMPLIFIER
logo
M/A-COM Technology Solu...
MAAM37000_V7 MA-COM-MAAM37000_V7 Datasheet
247Kb / 4P
   Low Noise GaAs MMIC Amplifier
MAAM37000-A1 MA-COM-MAAM37000-A1 Datasheet
172Kb / 3P
   Low Noise GaAs MMIC Amplifier
MAAM37000-A1_V7 MA-COM-MAAM37000-A1_V7 Datasheet
172Kb / 3P
   Low Noise GaAs MMIC Amplifier
MAAM37000 MA-COM-MAAM37000 Datasheet
247Kb / 4P
   Low Noise GaAs MMIC Amplifier
MAAM37000 MA-COM-MAAM37000_15 Datasheet
247Kb / 4P
   Low Noise GaAs MMIC Amplifier
MAAM37000 MA-COM-MAAM37000_16 Datasheet
975Kb / 5P
   Low Noise GaAs MMIC Amplifier
logo
New Japan Radio
NJG1107HB3 NJRC-NJG1107HB3 Datasheet
184Kb / 8P
   LOW NOISE AMPLIFIER GaAs MMIC
NJG1102F1 NJRC-NJG1102F1 Datasheet
139Kb / 8P
   LOW NOISE AMPLIFIER GaAs MMIC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com