Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1983-3 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1983-3
Description  100mA Regulated Charge-Pump Inverters in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1983-3 Datasheet(HTML) 1 Page - Linear Technology

  LTC1983-3_15 Datasheet HTML 1Page - Linear Technology LTC1983-3_15 Datasheet HTML 2Page - Linear Technology LTC1983-3_15 Datasheet HTML 3Page - Linear Technology LTC1983-3_15 Datasheet HTML 4Page - Linear Technology LTC1983-3_15 Datasheet HTML 5Page - Linear Technology LTC1983-3_15 Datasheet HTML 6Page - Linear Technology LTC1983-3_15 Datasheet HTML 7Page - Linear Technology LTC1983-3_15 Datasheet HTML 8Page - Linear Technology LTC1983-3_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC1983-3/LTC1983-5
1
1983fa
The LTC
®1983-3 and LTC1983-5 are inverting charge
pump DC/DC converters that produce negative regulated
outputs. The parts require only three tiny external capaci-
tors and can provide up to 100mA of output current. The
devices can operate in open loop mode (creating a –VIN
supply) or regulated output mode depending on the input
supply voltage and the output current.
The LTC1983-3/LTC1983-5 have many useful features for
portable applications including very low quiescent current
(25
µA typical) and a zero current shutdown mode pro-
grammed through the SHDN pin.
The LTC1983-3/LTC1983-5 are over-temperature and
short-circuit protected. The parts are available in a 6-pin
low profile (1mm) ThinSOT package.
–3V Generation in Single-Supply Systems
Portable Equipment
LCD Bias Supplies
GaAs FET Bias Supplies
Fixed Output Voltages: –3V, –5V or Low Noise VIN
to –VIN Inverted Output
±4% Output Voltage Accuracy
Low Quiesient Current: 25
µA
100mA Output Current Capability
2.3V to 5.5V Operating Voltage Range
Internal 900kHz Oscillator
“Zero Current” Shutdown
Short-Circuit and Over-Temperature Protected
Low Profile (1mm) ThinSOT
TM Package
100mA Regulated
Charge-Pump Inverters
in ThinSOT
VIN
SHDN
C +
VOUT
GND
C
LTC1983-3
VIN
3V TO 5.5V
VOUT = –3V
IOUT = UP TO 100mA
COUT
10
µF
CIN
10
µF
CFLY
1
µF
OFF ON
CFLY: TAIYO YUDEN LMK212BJ105
CIN, COUT: TAIYO YUDEN JMK316BJ106ML
1983-3 TA01
VOUT vs IOUT
IOUT (mA)
0
–3.3
–3.2
–3.1
–3.0
–2.9
–2.8
–2.7
20
40
60
80
1983 TA02
100
VIN = 5V
VIN = 3.3V
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
–3V at 100mA DC/DC Converter
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
ThinSOT is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC1983-3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1983-3 LINER-LTC1983-3 Datasheet
185Kb / 12P
   100mA REGULATED CHARGE-PUMP INVERTERS IN THINSOT
LTC1983-3 LINER-LTC1983-3 Datasheet
1Mb / 16P
   Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
More results

Similar Description - LTC1983-3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1983-3 LINER-LTC1983-3 Datasheet
185Kb / 12P
   100mA REGULATED CHARGE-PUMP INVERTERS IN THINSOT
LTC1983-5 LINER-LTC1983-5_15 Datasheet
170Kb / 12P
   100mA Regulated Charge-Pump Inverters in ThinSOT
logo
Analog Microelectronics
AME7730 AME-AME7730 Datasheet
163Kb / 12P
   100mA Regulated Charge Pump
logo
Diodes Incorporated
AP3602A DIODES-AP3602A Datasheet
471Kb / 11P
   100mA REGULATED CHARGE PUMP
August 2019 Rev. 4 - 2
logo
BCD Semiconductor Manuf...
AP3602A BCDSEMI-AP3602A Datasheet
296Kb / 17P
   100mA REGULATED CHARGE PUMP
logo
YOBON TECHNOLOGIES,INC.
YB1300 YOBON-YB1300 Datasheet
223Kb / 8P
   Regulated Charge Pump 5V 100mA
logo
ON Semiconductor
NIS6201 ONSEMI-NIS6201 Datasheet
44Kb / 4P
   Floating, Regulated Charge Pump
May, 2004 ??Rev. P2
logo
SG Micro Corp
SGM3110 SGMICRO-SGM3110 Datasheet
424Kb / 7P
   MicroPower Regulated Charge Pump
logo
Silicon Standard Corp.
SS6845G SSC-SS6845G Datasheet
1Mb / 13P
   Regulated 5V Charge Pump
logo
Advanced Analog Technol...
AAT3111 AAT-AAT3111 Datasheet
351Kb / 16P
   MicroPower??Regulated Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com