Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1751 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1751
Description  Micropower, Regulated Charge Pump DC/DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1751 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1751_15 Datasheet HTML 4Page - Linear Technology LTC1751_15 Datasheet HTML 5Page - Linear Technology LTC1751_15 Datasheet HTML 6Page - Linear Technology LTC1751_15 Datasheet HTML 7Page - Linear Technology LTC1751_15 Datasheet HTML 8Page - Linear Technology LTC1751_15 Datasheet HTML 9Page - Linear Technology LTC1751_15 Datasheet HTML 10Page - Linear Technology LTC1751_15 Datasheet HTML 11Page - Linear Technology LTC1751_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1751/LTC1751-3.3/LTC1751-5
Programming the LTC1751 Output Voltage (FB Pin)
While the LTC1751-3.3/LTC1751-5 versions have internal
resistive dividers to program the output voltage, the
programmable LTC1751 may be set to an arbitrary voltage
via an external resistive divider. Since it employs a voltage
doubling charge pump, it is not possible to achieve output
voltages greater than twice the available input voltage.
Figure 3 shows the required voltage divider connection.
The voltage divider ratio is given by the expression:
R
R
V
V
OUT
1
2
1 205
1
=
.
APPLICATIO S I FOR ATIO
2
1
4
VOUT
FB
GND
R1
1751 F03
COUT
R2
VOUT
1.205V 1 + R1
R2
()
Figure 3. Programming the Adjustable LTC1751
+
2VIN
+
VOUT
1751 F04
ROUT
Typical ROUT values as a function of input voltage are
shown in Figure 5.
Figure 4. Equivalent Open-Loop Circuit
Figure 5. Typical ROUT vs Input Voltage
The sum of the voltage divider resistors can be made large
to keep the quiescent current to a minimum. Any standing
current in the output divider (given by 1.205V/R2) will be
reflected by a factor of 2 in the input current. Typical values
for total voltage divider resistance can range from several
k
Ωs up to 1MΩ.
Maximum Available Output Current
For the adjustable LTC1751, the maximum available out-
put current and voltage can be calculated from the effec-
tive open-loop output resistance, ROUT, and effective
output voltage, 2VIN(MIN).
From Figure 4 the available current is given by:
I
VV
R
OUT
IN
OUT
OUT
=
2–
Figure 6. Recommended Layout
Layout Considerations
Due to high switching frequency and high transient cur-
rents produced by the LTC1751 product family, careful
board layout is necessary. A true ground plane and short
connections to all capacitors will improve performance and
ensure proper regulation under all conditions. Figure 6
shows the recommended layout configuration.
Thermal Management
For higher input voltages and maximum output current,
there can be substantial power dissipation in the
LTC1751. If the junction temperature increases above
approximately 160
°C, the thermal shutdown circuitry
will automatically deactivate the output. To reduce the
maximum junction temperature, a good thermal connec-
tion to the PC board is recommended. Connecting the
GND pin (Pin 4) to a ground plane, and maintaining a
solid ground plane under the device on two layers of the
PC board, will reduce the thermal resistance of the
package and PC board system considerably.
VOUT
VIN
GND
SHDN
17515 F03
INPUT VOLTAGE (V)
2.0
6
8
10
4.0
1751 F05
4
2
0
2.5
3.0
3.5
4.5
TA = 25°C
CFLY = 1µF
IOUT = 100mA
IOUT = 50mA


Similar Part No. - LTC1751_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1751-3.3 LINER-LTC1751-3.3 Datasheet
211Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters"||" "94402
Wide Operating Range, No RSENSE Step-Down Control
LTC1751-3.3 LINER-LTC1751-3.3 Datasheet
1Mb / 16P
   Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
LTC1751-3.3 LINER-LTC1751-3.3 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
LTC1751-3.3 LINER-LTC1751-3.3_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
LTC1751-5 LINER-LTC1751-5 Datasheet
211Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters"||" "94402
Wide Operating Range, No RSENSE Step-Down Control
More results

Similar Description - LTC1751_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1751-5 LINER-LTC1751-5_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
LTC1751-3.3 LINER-LTC1751-3.3_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
LTC1751 LINER-LTC1751 Datasheet
211Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters"||" "94402
Wide Operating Range, No RSENSE Step-Down Control
logo
Advanced Analog Technol...
AAT1501 AAT-AAT1501_3 Datasheet
840Kb / 15P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
AAT1501 AAT-AAT1501 Datasheet
122Kb / 10P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
Linear Technology
LTC1516 LINER-LTC1516 Datasheet
105Kb / 8P
   Micropower, Regulated 5V Charge Pump DC/DC Converter
LTC1522 LINER-LTC1522_15 Datasheet
210Kb / 8P
   Micropower, Regulated 5V Charge Pump DC/DC Converter
LTC1522 LINER-LTC1522 Datasheet
223Kb / 8P
   Micropower, Regulated 5V Charge Pump DC/DC Converter
LTC1516 LINER-LTC1516_15 Datasheet
92Kb / 8P
   Micropower, Regulated 5V Charge Pump DC/DC Converter
logo
Unisonic Technologies
L5200 UTC-L5200_15 Datasheet
403Kb / 7P
   LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com