Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1731-4.2 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1731-4.2
Description  Single Cell Lithium-Ion Linear Battery Charger Controllers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1731-4.2 Datasheet(HTML) 3 Page - Linear Technology

  LTC1731-4.2 Datasheet HTML 1Page - Linear Technology LTC1731-4.2 Datasheet HTML 2Page - Linear Technology LTC1731-4.2 Datasheet HTML 3Page - Linear Technology LTC1731-4.2 Datasheet HTML 4Page - Linear Technology LTC1731-4.2 Datasheet HTML 5Page - Linear Technology LTC1731-4.2 Datasheet HTML 6Page - Linear Technology LTC1731-4.2 Datasheet HTML 7Page - Linear Technology LTC1731-4.2 Datasheet HTML 8Page - Linear Technology LTC1731-4.2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1731-4.1/LTC1731-4.2
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VASD
Automatic Shutdown Threshold Voltage
(VCC – VBAT) High to Low
30
54
90
mV
(VCC – VBAT) Low to High
40
69
100
mV
VDIS
Voltage Mode Disable Threshold Voltage
VDIS = VCC – VTIMER
q
0.4
V
IPROG
PROG Pin Current
Internal Pull-Up Current, No RPROG
2.5
µA
PROG Pin Load Regulation
PROG Pin Source Current,
∆VPROG ≤ 5mV
q
300
µA
VPROG
PROG Pin Voltage
RPROG =19.6k
2.457
V
ICHRG
CHRG Pin Weak Pull-Down Current
VCHRG = 1V
50
100
150
µA
VCHRG
CHRG Pin Output Low Voltage
ICHRG = 5mA
0.6
1.2
V
IC/10
End of Charge Indication Current Level
RPROG = 19.6k, RSENSE = 0.2Ω
q
25
50
100
mA
tTIMER
TIMER Accuracy
CTIMER = 0.1µF10
%
VCLAMP
DRV Pin Clamp Voltage
VCLAMP = VCC – VDRV, IDRIVE = 50µA
6.5
V
ELECTRICAL CHARACTERISTICS
Note 2: The LTC1731E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls. Guaranteed I grade parts are available,
consult factory.
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 6V unless otherwise noted.
TYPICAL PERFOR A CE CHARACTERISTICS
Trickle Charge Current
vs Input Supply
VCC (V)
4
50
55
12
1731 G01
45
40
6
8
10
60
RPROG = 19.6k
RSENSE = 0.2Ω
VBAT = 2V
TA = 25°C
TEMPERATURE (
°C)
–50 –25
25
2.460
2.465
150
1731 G02
2.455
2.450
0
50
75
100 125
2.470
VCC = 6V
RPROG = 19.6k
TEMPERATURE (
°C)
–50 –25
25
100
105
150
1731 G03
95
90
0
50
75
100 125
110
VCC = 6V
CTIMER = 0.1µF
Program Pin Voltage
vs Temperature
Timer Accuracy vs Temperature


Similar Part No. - LTC1731-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1731-4.2 LINER-LTC1731-4.2 Datasheet
176Kb / 12P
   Single Cell Lithium-Ion Linear Battery Charger Controllers
More results

Similar Description - LTC1731-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1731-4.1 LINER-LTC1731-4.1_15 Datasheet
182Kb / 12P
   Single Cell Lithium-Ion Linear Battery Charger Controllers
LTC1731-4.1 LINER-LTC1731-4.1 Datasheet
176Kb / 12P
   Single Cell Lithium-Ion Linear Battery Charger Controllers
logo
Analog Intergrations Co...
AIC1790 AIC-AIC1790 Datasheet
325Kb / 19P
   1 Cell Linear Lithium-Ion Battery Charger
logo
SHOUDING Shouding Semic...
SD8057T SHOUDING-SD8057T Datasheet
1Mb / 11P
   single-cell lithium-ion battery charger
logo
National Semiconductor ...
LM3621 NSC-LM3621 Datasheet
334Kb / 14P
   Single Cell Lithium-Ion Battery Charger Controller
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
   Linear Lithium-ion Battery Charger
logo
Agere Systems
PSC1534 AGERE-PSC1534 Datasheet
1Mb / 8P
   Lithium-Ion Linear Battery Charger
logo
Dongguan Pingjingsemi T...
PJ4057 PJSEMI-PJ4057 Datasheet
3Mb / 5P
   Linear Lithium-ion Battery Charger
logo
E-CMOS Corporation
EC49018 E-CMOS-EC49018 Datasheet
318Kb / 8P
   1A, Single Cell Linear Lithium Battery Charger
EC49022 E-CMOS-EC49022 Datasheet
365Kb / 8P
   1A, Single Cell Linear Lithium Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com