Part Name
Included
start with
end
match
Description
KIA6216H
BIPOLAR LINEAR INTEGRATED CIRCUIT (15W BTL X 2CH AUDIO POWER AMPLIFIER) ( 10 Page)
KEC
100%
3 page
Html Pages
1
2
3
4
5
6
7
8
9
10
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
KIA6220H
BIPOLAR
LINEAR
INTEGRATED
CIRCUIT
30W
BTL
DUAL
AUDIO
POWER
AMPLIFIER
1
2
3
4
5
More
KEC(Korea Electronics)
KIA8225H
BIPOLAR
LINEAR
INTEGRATED
CIRCUIT
45W
BTL
SINGLE
AUDIO
POWER
AMPLIFIER
1
2
3
4
5
More
KEC(Korea Electronics)
KIA6221AH
BIPOLAR
LINEAR
INTEGRATED
CIRCUIT
30W
BTL
DUAL
AUDIO
POWER
AMPLIFIER
1
2
3
4
5
More
KEC(Korea Electronics)
KIA8231L
BIPOLAR
LINEAR
INTEGRATED
CIRCUIT
42W
BTL
X
2CH
AUDIO
POWER
IC
1
2
3
4
5
More
KEC(Korea Electronics)
KIA8252H
BIPOLAR
LINEAR
INTEGRATED
CIRCUIT
MAX
POWER
37W
QUAD
BTL
AUDIO
POWER
AMPLIFIER
1
2
3
4
5
More
KEC(Korea Electronics)
KIA8259H
BIPOLAR
LINEAR
INTEGRATED
CIRCUIT
MAX
POWER
37W
QUAD
BTL
AUDIO
POWER
AMPLIFIER
1
2
3
4
5
More
KEC(Korea Electronics)
KIA6280H
BIPOLAR
LINEAR
INTEGRATED
CIRCUIT
5.8W
DUAL
AUDIO
POWER
AMPLIFIER
22W
BTL
AUDIO
POWER
AMPLIFIER
1
2
3
4
5
More
KEC(Korea Electronics)
KIA8260AH
BIPOLAR
LINEAR
INTEGRATED
CIRCUIT
MAX
POWER
40W
QUAD
BTL
AUDIO
POWER
AMPLIFIER
1
2
3
4
5
More
KEC(Korea Electronics)
KIA8262H
BIPOLAR
LINEAR
INTEGRATED
CIRCUIT
MAX
POWER
43W
QUAD
BTL
AUDIO
POWER
AMPLIFIER
1
2
3
4
5
More
KEC(Korea Electronics)
KIA3281H
BIPOLAR
LINEAR
INTEGRATED
CIRCUIT
5.8W
DUAL
AUDIO
POWER
AMPLIFIER
22W
BTL
AUDIO
POWER
AMPLIFIER
1
2
3
4
5
More
KEC(Korea Electronics)
Link URL
Sponsor of Alldatasheet
Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com
World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com
Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com
Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com
Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Partner program
|
Contact us
|
Privacy Policy
|
Bookmark
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
2003 - 2013
Mirror Sites
English :
Alldatasheet.com
,
Alldatasheet.net
|   Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
| Russian :
Alldatasheetru.com
Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
| Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl