Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1664 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1664
Description  Micropower Quad 10-Bit DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1664 Datasheet(HTML) 5 Page - Linear Technology

  LTC1664 Datasheet HTML 1Page - Linear Technology LTC1664 Datasheet HTML 2Page - Linear Technology LTC1664 Datasheet HTML 3Page - Linear Technology LTC1664 Datasheet HTML 4Page - Linear Technology LTC1664 Datasheet HTML 5Page - Linear Technology LTC1664 Datasheet HTML 6Page - Linear Technology LTC1664 Datasheet HTML 7Page - Linear Technology LTC1664 Datasheet HTML 8Page - Linear Technology LTC1664 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC1664
5
1664fa
typical perFormance characteristics
Supply Current vs Temperature
Differential Nonlinearity (DNL)
Integral Nonlinearity (INL)
Large-Signal Step Response
Load Regulation vs Output Current
Mid-Scale Output Voltage
vs Load Current
Mid-Scale Output Voltage
vs Load Current
Supply Current vs Logic Input
Voltage
Load Regulation vs Output Current
CODE
0
256
512
768
1023
1664 G01
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
VCC = 5V
VREF = 4.096V
CODE
0
256
512
768
1023
1664 G02
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
VCC = 5V
VREF = 4.096V
TEMPERATURE (°C)
–55 –35 –15 5
45
85
25
300
280
260
240
220
200
180
160
1664 G03
125
105
65
VCC = 5.5V
VREF = VCC
CODE = 1023
VCC = 4.5V
VCC = 3.6V
VCC = 2.7V
IOUT (mA)
–2
–1
0
1
2
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
1664 G04
VCC = VREF = 5V
CODE = 512
SINK
SOURCE
IOUT (µA)
–500
0
500
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
1664 G05
SINK
SOURCE
VCC = VREF = 3V
CODE = 512
TIME (µs)
0
20
40
60
80
100
1664 G06
5
4
3
2
1
0
10% TO
90% STEP
VCC = VREF = 5V
IOUT (mA)
–30
–20
–10
0
10
20
30
1664 G07
3.0
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
2.0
VCC = 4.5V
VCC = 5V
VCC = 5.5V
VREF = VCC
CODE = 512
SINK
SOURCE
IOUT (mA)
–15
–4
–8
–12
0
4
8
12 15
1664 G08
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
VCC = 2.7V
VCC = 3V
VCC = 3.6V
VREF = VCC
CODE = 512
SINK
SOURCE
LOGIC INPUT VOLTAGE (V)
0
1.2
1.0
0.8
0.6
0.4
0.2
0
1
2
3
4
1664 G09
5
ALL DIGITAL INPUTS
SHORTED TOGETHER


Similar Part No. - LTC1664

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1664 LINER-LTC1664 Datasheet
168Kb / 16P
   Micropower Quad 10-Bit DAC
LTC1664C LINER-LTC1664C Datasheet
168Kb / 16P
   Micropower Quad 10-Bit DAC
LTC1664CGN LINER-LTC1664CGN Datasheet
168Kb / 16P
   Micropower Quad 10-Bit DAC
LTC1664CGN LINER-LTC1664CGN Datasheet
179Kb / 16P
   Micropower Quad 10-Bit DAC
LTC1664CN LINER-LTC1664CN Datasheet
168Kb / 16P
   Micropower Quad 10-Bit DAC
More results

Similar Description - LTC1664

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1664 LINER-LTC1664_1 Datasheet
179Kb / 16P
   Micropower Quad 10-Bit DAC
LTC1664 LINER-LTC1664 Datasheet
168Kb / 16P
   Micropower Quad 10-Bit DAC
LTC1661 LINER-LTC1661 Datasheet
147Kb / 12P
   Micropower Dual 10-Bit DAC in MSOP
LTC1661 LINER-LTC1661_15 Datasheet
235Kb / 14P
   Micropower Dual 10-Bit DAC in MSOP
logo
Linear Integrated Syste...
LTC1663-8IMS8 LINEAR-LTC1663-8IMS8 Datasheet
146Kb / 12P
   10-Bit Rail-to-Rail Micropower DAC with
logo
Wolfson Microelectronic...
WM2604 WOLFSON-WM2604 Datasheet
103Kb / 10P
   Quad 10-Bit Serial Input Voltage Output DAC
logo
Maxim Integrated Produc...
MAX5250BEAP-T MAXIM-MAX5250BEAP-T Datasheet
762Kb / 16P
   Low-Power, Quad, 10-Bit Voltage-Output DAC
Rev 1; 10/02
logo
Agamem Microelectronic ...
AA88368 AGAMEM-AA88368 Datasheet
55Kb / 1P
   10-BIT DAC
logo
Linear Technology
LTC1427-50 LINER-LTC1427-50_15 Datasheet
211Kb / 8P
   Micropower, 10-Bit Current Output DAC with SMBus Serial Interface
LTC1669 LINER-LTC1669 Datasheet
193Kb / 12P
   10-Bit Rail-to-Rail Micropower DAC with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com