Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1659 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1659
Description  12-Bit Rail-to-Rail Micropower DAC in MSOP Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1659 Datasheet(HTML) 4 Page - Linear Technology

  LTC1659_15 Datasheet HTML 1Page - Linear Technology LTC1659_15 Datasheet HTML 2Page - Linear Technology LTC1659_15 Datasheet HTML 3Page - Linear Technology LTC1659_15 Datasheet HTML 4Page - Linear Technology LTC1659_15 Datasheet HTML 5Page - Linear Technology LTC1659_15 Datasheet HTML 6Page - Linear Technology LTC1659_15 Datasheet HTML 7Page - Linear Technology LTC1659_15 Datasheet HTML 8Page - Linear Technology LTC1659_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC1659
4
1659fa
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, VOUT unloaded, REF ≤ VCC, TA = TMIN to TMAX
unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switching (VCC = 4.5V to 5.5V
t1
DIN Valid to CLK Setup
40
ns
t2
DIN Valid to CLK Hold
0ns
t3
CLK High Time
(Note 7)
40
ns
t4
CLK Low Time
(Note 7)
40
ns
t5
⎯C⎯S/LD Pulse Width
(Note 7)
50
ns
t6
LSB CLK to ⎯C⎯S/LD
(Note 7)
40
ns
t7
⎯C⎯S/LD Low to CLK
(Note 7)
20
ns
t8
DOUT Output Delay
CLOAD = 15pF
5150
ns
t9
CLK Low to ⎯C⎯S/LD Low
(Note 7)
20
ns
Switching (VCC = 2.7V to 5.5V)
t1
DIN Valid to CLK Setup
60
ns
t2
DIN Valid to CLK Hold
0ns
t3
CLK High Time
(Note 7)
60
ns
t4
CLK Low Time
(Note 7)
60
ns
t5
⎯C⎯S/LD Pulse Width
(Note 7)
80
ns
t6
LSB CLK to ⎯C⎯S/LD
(Note 7)
60
ns
t7
⎯C⎯S/LD Low to CLK
(Note 7)
30
ns
t8
DOUT Output Delay
CLOAD = 15pF
10
220
ns
t9
CLK Low to ⎯C⎯S/LD Low
(Note 7)
30
ns
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Nonlinearity is defined from code 20 to code 4095 (full scale). See
Applications Information.
Note 3: Load is 5k
Ω in parallel with 100pF.
Note 4: DAC switched between all 1s and the code corresponding to VOS
for the part.
Note 5: Digital inputs at 0V or VCC.
Note 6: VOUT can only swing from (GND + |VOS|) to (VCC – |VOS|) when
output is unloaded.
Note 7: Guaranteed by design, not subject to test.


Similar Part No. - LTC1659_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1659 LINER-LTC1659_1 Datasheet
136Kb / 12P
   12-Bit Rail-to-Rail Micropower DAC in MSOP Package
More results

Similar Description - LTC1659_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1659 LINER-LTC1659_1 Datasheet
136Kb / 12P
   12-Bit Rail-to-Rail Micropower DAC in MSOP Package
LTC1659 LINER-LTC1659 Datasheet
132Kb / 12P
   12-Bit Rail-to-Rail Micropower DAC in MSOP Package
LTC1658 LINER-LTC1658_15 Datasheet
242Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
LTC1658 LINER-LTC1658 Datasheet
261Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
logo
Linear Dimensions Semic...
LTC1658CS8PBF LINEAR_DIMENSIONS-LTC1658CS8PBF Datasheet
242Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
logo
Linear Technology
LTC1448 LINER-LTC1448 Datasheet
241Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DAC
LTC1448 LINER-LTC1448_15 Datasheet
223Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DAC
LTC1655 LINER-LTC1655 Datasheet
92Kb / 12P
   16-Bit Rail-to-Rail Micropower DAC in SO-8 Package
LTC1456 LINER-LTC1456_15 Datasheet
163Kb / 8P
   12-Bit Rail-to-Rail Micropower DAC with Clear Input
LTC1456 LINER-LTC1456 Datasheet
148Kb / 8P
   12-Bit Rail-to-Rail Micropower DAC with Clear Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com