Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1658 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1658
Description  14-Bit Rail-to-Rail Micropower DAC in MSOP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1658 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1658 Datasheet HTML 3Page - Linear Technology LTC1658 Datasheet HTML 4Page - Linear Technology LTC1658 Datasheet HTML 5Page - Linear Technology LTC1658 Datasheet HTML 6Page - Linear Technology LTC1658 Datasheet HTML 7Page - Linear Technology LTC1658 Datasheet HTML 8Page - Linear Technology LTC1658 Datasheet HTML 9Page - Linear Technology LTC1658 Datasheet HTML 10Page - Linear Technology LTC1658 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1658
OPERATIO
Serial Interface
The data on the DIN input is loaded into the shift register
on the rising edge of the clock. The MSB is loaded first. The
DAC register loads the data from the shift register when
CS/LD is pulled high. The clock is disabled internally when
CS/LD is high. Note: CLK must be low before CS/LD is
pulled low to avoid an extra internal clock pulse. The input
word must be 16 bits wide. The last two bits are don’t
cares.
The buffered output of the 16-bit shift register is available
on the DOUT pin which swings from GND to VCC.
Multiple LTC1658s may be daisy-chained together by
connecting the DOUT pin to the DIN pin of the next chip
while the clock and CS/LD signals remain common to all
chips in the daisy chain. The serial data is clocked to all of
the chips then the CS/LD signal is pulled high to update all
of them simultaneously.
Voltage Output
The LTC1658 rail-to-rail buffered output can source or sink
5mA over the entire operating temperature range while
pulling to within 400mV of the positive supply voltage or
ground. The output swings to within a few millivolts of ei-
ther supply rail when unloaded and has an equivalent out-
put resistance of 40
Ω,at5VVCC,whendrivingaloadtothe
rails. The output can drive 1000pF without going into os-
cillation.
The output swings from 0V to the voltage at the REF pin,
i.e., there is a gain of 1 from REF to VOUT. Please note, if
REF is tied to VCC the output can only swing to (VCC – VOS).
See Applications Information.


Similar Part No. - LTC1658

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1658 LINER-LTC1658 Datasheet
261Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
LTC1658 LINER-LTC1658 Datasheet
166Kb / 16P
   16-Bit Rail-to-Rail Micropower DACs in
LTC1658CMS8 LINER-LTC1658CMS8 Datasheet
261Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
LTC1658CN8 LINER-LTC1658CN8 Datasheet
261Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
LTC1658CS8 LINER-LTC1658CS8 Datasheet
261Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
More results

Similar Description - LTC1658

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1658 LINER-LTC1658 Datasheet
261Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
logo
Linear Dimensions Semic...
LTC1658CS8PBF LINEAR_DIMENSIONS-LTC1658CS8PBF Datasheet
242Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
logo
Linear Technology
LTC1659 LINER-LTC1659_1 Datasheet
136Kb / 12P
   12-Bit Rail-to-Rail Micropower DAC in MSOP Package
LTC1659 LINER-LTC1659 Datasheet
132Kb / 12P
   12-Bit Rail-to-Rail Micropower DAC in MSOP Package
LTC1659 LINER-LTC1659_15 Datasheet
142Kb / 12P
   12-Bit Rail-to-Rail Micropower DAC in MSOP Package
LTC1657L LINER-LTC1657L Datasheet
157Kb / 12P
   Parallel 16-Bit Rail-to-Rail Micropower DAC
LTC1657L LINER-LTC1657L_15 Datasheet
215Kb / 16P
   Parallel 16-Bit Rail-to-Rail Micropower DAC
logo
Linear Integrated Syste...
LTC1663-8IMS8 LINEAR-LTC1663-8IMS8 Datasheet
146Kb / 12P
   10-Bit Rail-to-Rail Micropower DAC with
logo
Linear Technology
LTC1448 LINER-LTC1448 Datasheet
241Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DAC
LTC1448 LINER-LTC1448_15 Datasheet
223Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com