Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1650 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1650
Description  Low Glitch 16-Bit Voltage Output DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1650 Datasheet(HTML) 3 Page - Linear Technology

  LTC1650 Datasheet HTML 1Page - Linear Technology LTC1650 Datasheet HTML 2Page - Linear Technology LTC1650 Datasheet HTML 3Page - Linear Technology LTC1650 Datasheet HTML 4Page - Linear Technology LTC1650 Datasheet HTML 5Page - Linear Technology LTC1650 Datasheet HTML 6Page - Linear Technology LTC1650 Datasheet HTML 7Page - Linear Technology LTC1650 Datasheet HTML 8Page - Linear Technology LTC1650 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1650
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. AVDD = 4.75V to 5.25V, AVSS = – 4.75V to – 5.25V, DVDD = 4.75V to
5.25V, REFLO = 0V, REFHI = 4.096V, VOUT unloaded, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply Characteristics
AVDD
Positive Supply Voltage
q
4.75
5.0
5.25
V
DVDD
Positive Supply Voltage
q
4.75
5.0
5.25
V
AVSS
Negative Supply Voltage
q
– 4.75
– 5.0
– 5.25
V
IAVDD
AVDD Supply Current
4.75V
≤ AVDD ≤ 5.25V (Note 5)
q
5
7.5
mA
IAVSS
AVSS Supply Current
– 5.25V
≤ AVSS ≤ –4.75V (Note 5)
q
– 7.5
– 5
mA
IDVDD
DVDD Supply Current
4.75V
≤ DVDD ≤ 5.25V (Note 5)
q
0.1
0.25
mA
PSRR
AVDD, DVDD Supply Rejection
4.75V
≤ AVDD, DVDD ≤ 5.25V
q
0.5
1.5
LSB/V
AVSS Supply Rejection
– 5.25V
≤ AVSS ≤ –4.75V
q
0.5
1.5
LSB/V
Reference Input
RIN
Reference Input Resistance
q
2.5
5
7.5
k
REFHI Range
q
– 4.0
4.0
4.5
V
REFLO Range
q
– 1.0
0
1.0
V
Op Amp DC Performance
Short-Circuit Current Low
VOUT Shorted to GND
q
25
50
mA
Short-Circuit Current High
VOUT Shorted to VCC
q
25
50
mA
Output Impedance
Measured at Midscale
0.15
DAC Output Range
Unipolar Mode (Note 9)
0V to VREF
V
Bipolar Mode (Note 9)
±VREF
V
AC Performance
Voltage Output Slew Rate
q
0.8
2.0
V/
µs
Voltage Output Settling Time
Unloaded (Note 4)
4
µs
Midscale Glitch Impulse
1.8
nV-s
Digital Feedthrough
0.05
nV-s
Output Noise Voltage Density
1kHz to 100kHz (Note 6)
30
nV/
√Hz
SINAD
Signal-to-Noise + Distortion Ratio
REFHI = 1kHz 4VP-P
96
dB
ELECTRICAL CHARACTERISTICS


Similar Part No. - LTC1650

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
LTC1650 LINER-LTC1650 Datasheet
303Kb / 20P
   16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
LTC1650 LINER-LTC1650 Datasheet
166Kb / 16P
   16-Bit Rail-to-Rail Micropower DACs in
LTC1650ACN LINER-LTC1650ACN Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
LTC1650ACS LINER-LTC1650ACS Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
More results

Similar Description - LTC1650

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC8551-Q1 TI1-DAC8551-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive 16-Bit, Ultralow-Glitch, Voltage-Output DAC
DAC82001 TI-DAC82001_V01 Datasheet
1Mb / 30P
[Old version datasheet]   DAC82001 16-Bit, Low-Glitch, Single-Channel Voltage-Output, Unbuffered DAC
REVISED NOVEMBER 2022
DAC82001 TI-DAC82001 Datasheet
1Mb / 21P
[Old version datasheet]   DAC82001 16-Bit, Low-Glitch, Single-Channel Voltage-Output, Unbuffered DAC
SEPTEMBER 2022
DAC82002 TI-DAC82002_V01 Datasheet
2Mb / 32P
[Old version datasheet]   DAC82002 16-Bit, Low-Glitch, Dual-Channel Voltage-Output, Unbuffered DAC
REVISED DECEMBER 2022
DAC8551IADGKRG4 TI1-DAC8551IADGKRG4 Datasheet
1,009Kb / 26P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT
DAC82002 TI-DAC82002 Datasheet
1Mb / 22P
[Old version datasheet]   DAC82002 16-Bit, Low-Glitch-Energy, Dual-Channel Voltage-Output, Unbuffered DAC
AUGUST 2022
DAC8551-Q1 TI1-DAC8551-Q1_16 Datasheet
1Mb / 29P
[Old version datasheet]   DACx551-Q1 Automotive 16-, 12-Bit, Ultralow-Glitch, Voltage-Output DAC
DAC8565ICPWG4 TI1-DAC8565ICPWG4 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
DAC8564 TI1-DAC8564_16 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com