Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0040025 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P0040025
Description  Standard Computer Power Extension Cords, 10A 18AWG (IEC-320-C14 to IEC-320-C13), 2-ft. - 5-Pack
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P0040025 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P0040025 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P0040025 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Standard Computer Power Extension Cords, 10A,
18AWG (IEC-320-C14 to IEC-320-C13), 2-ft. - 5-Pack
MODEL NUMBER: P004-002-5
Description
Clean up your Racks and Cabinets with Tripp Lite's handy 5-pack of 2ft, C14 to C13 power cables. Constructed of 18AWG wire, these cables are
10Amp/100-230 Volt rated, and UL/cUL listed. 2ft cables are perfect for servers, switches, routers, etc, to PDU connections.
Features
2ft NEMA IEC-320-C14 to IEC-320-C13 Power Cable, 5pc package
Tidies up racks by eliminating longer cables
UL Listed
18AWG, 10A, 100-230V, SVT
Specifications
PRODUCT OVERVIEW
Product Overview
5-Pack IEC-320-C14 to IEC-320-C13 Power Cables
INPUT
Cable Length (ft.)
2
Cable Length (m)
0.61
PHYSICAL
Color
Black
CONNECTIONS
Highlights
Save space in Racks / Cabinets
with 2ft Power Cords
UL Listed
18AWG, 10Amp, 100-230V
Package Includes
5pcs, 2ft, C14 to C13 Power
Cable
1 / 2


Similar Part No. - P0040025

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P004002 E-SWITCH-P004002 Datasheet
118Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
logo
Tripp Lite. All Rights ...
P00400213A TRIPPLITE-P00400213A Datasheet
486Kb / 2P
   Standard Computer Power Extension Cord, 13A, 16AWG (IEC-320-C14 to IEC-320-C13), 2-ft
P00400213LA TRIPPLITE-P00400213LA Datasheet
470Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to Left Angle IEC-320-C13),2-ft
P00400213RA TRIPPLITE-P00400213RA Datasheet
471Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to Right Angle IEC-320-C13),2-ft
More results

Similar Description - P0040025

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P004-010 TRIPPLITE-P004-010 Datasheet
493Kb / 3P
   Standard Computer Power Extension Cord, 10A 18AWG (IEC-320-C14 to IEC-320-C13) 10-ft
P004004 TRIPPLITE-P004004 Datasheet
483Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 4-ft
P004015 TRIPPLITE-P004015 Datasheet
487Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 15-ft
P004001 TRIPPLITE-P004001 Datasheet
486Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 1-ft
P004008 TRIPPLITE-P004008 Datasheet
486Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 8-ft
P004006 TRIPPLITE-P004006 Datasheet
487Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 6-ft
P004003 TRIPPLITE-P004003 Datasheet
487Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 3-ft
P00400213RA TRIPPLITE-P00400213RA Datasheet
471Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to Right Angle IEC-320-C13),2-ft
P00400213LA TRIPPLITE-P00400213LA Datasheet
470Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to Left Angle IEC-320-C13),2-ft
P004004GN TRIPPLITE-P004004GN Datasheet
480Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13, Green Plugs),4-ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com