Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FK10UM-10 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # FK10UM-10
Description  HIGH-SPEED SWITCHING USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FK10UM-10 Datasheet(HTML) 4 Page - Renesas Technology Corp

  FK10UM-10_15 Datasheet HTML 1Page - Renesas Technology Corp FK10UM-10_15 Datasheet HTML 2Page - Renesas Technology Corp FK10UM-10_15 Datasheet HTML 3Page - Renesas Technology Corp FK10UM-10_15 Datasheet HTML 4Page - Renesas Technology Corp FK10UM-10_15 Datasheet HTML 5Page - Renesas Technology Corp FK10UM-10_15 Datasheet HTML 6Page - Renesas Technology Corp FK10UM-10_15 Datasheet HTML 7Page - Renesas Technology Corp FK10UM-10_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Feb.1999
VDSS
VGSS
ID
IDM
IS
ISM
PD
Tch
Tstg
FK10UM-10
¡VDSS ................................................................................500V
¡rDS (ON) (MAX) .............................................................. 1.13
¡ID ......................................................................................... 10A
¡Integrated Fast Recovery Diode (MAX.) ........150ns
500
±30
10
30
10
30
125
–55 ~ +150
–55 ~ +150
2.0
V
V
A
A
A
A
W
°C
°C
g
Drain-source voltage
Gate-source voltage
Drain current
Drain current (Pulsed)
Source current
Source current (Pulsed)
Maximum power dissipation
Channel temperature
Storage temperature
Weight
VGS = 0V
VDS = 0V
Typical value
MAXIMUM RATINGS (Tc = 25
°C)
OUTLINE DRAWING
Dimensions in mm
TO-220
MITSUBISHI Nch POWER MOSFET
FK10UM-10
HIGH-SPEED SWITCHING USE
APPLICATION
Servo motor drive, Robot, UPS, Inverter Fluorecent
lamp, etc.
Parameter
Conditions
Symbol
Ratings
Unit
10.5MAX.
4.5
1.3
φ 3.6
1.0
0.8
2.54
2.54
0.5
2.6
qwe
q GATE
w DRAIN
e SOURCE
r DRAIN
r
wr
q
e


Similar Part No. - FK10UM-10_15

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FK10UM-10 MITSUBISHI-FK10UM-10 Datasheet
52Kb / 5P
   HIGH-SPEED SWITCHING USE
logo
Powerex Power Semicondu...
FK10UM-10 POWEREX-FK10UM-10 Datasheet
58Kb / 5P
   HIGH-SPEED SWITCHING USE
logo
Renesas Technology Corp
FK10UM-10 RENESAS-FK10UM-10 Datasheet
90Kb / 6P
   MITSUBISHI Nch POWER MOSFET
logo
Inchange Semiconductor ...
FK10UM-10 ISC-FK10UM-10 Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FK10UM-10_15

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FS18KM-10A MITSUBISHI-FS18KM-10A Datasheet
76Kb / 4P
   HIGH-SPEED SWITCHING USE
FS14KM-12A MITSUBISHI-FS14KM-12A Datasheet
79Kb / 4P
   HIGH-SPEED SWITCHING USE
FX50KMJ-06 MITSUBISHI-FX50KMJ-06 Datasheet
51Kb / 4P
   HIGH-SPEED SWITCHING USE
FS7KM-12 MITSUBISHI-FS7KM-12 Datasheet
45Kb / 4P
   HIGH-SPEED SWITCHING USE
FS50AS-03 MITSUBISHI-FS50AS-03 Datasheet
37Kb / 4P
   HIGH-SPEED SWITCHING USE
FS70UMH-03 MITSUBISHI-FS70UMH-03 Datasheet
40Kb / 4P
   HIGH-SPEED SWITCHING USE
FS7UM-16A MITSUBISHI-FS7UM-16A Datasheet
41Kb / 4P
   HIGH-SPEED SWITCHING USE
FK16VS-6 MITSUBISHI-FK16VS-6 Datasheet
51Kb / 5P
   HIGH-SPEED SWITCHING USE
FS5VS-10 MITSUBISHI-FS5VS-10 Datasheet
41Kb / 4P
   HIGH-SPEED SWITCHING USE
FS16UM-9 MITSUBISHI-FS16UM-9 Datasheet
43Kb / 4P
   HIGH-SPEED SWITCHING USE
FS1KM-16A MITSUBISHI-FS1KM-16A Datasheet
43Kb / 4P
   HIGH-SPEED SWITCHING USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com