Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT5516 Datasheet(PDF) 1 Page - Linear Technology

Part # LT5516
Description  800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5516 Datasheet(HTML) 1 Page - Linear Technology

  LT5516 Datasheet HTML 1Page - Linear Technology LT5516 Datasheet HTML 2Page - Linear Technology LT5516 Datasheet HTML 3Page - Linear Technology LT5516 Datasheet HTML 4Page - Linear Technology LT5516 Datasheet HTML 5Page - Linear Technology LT5516 Datasheet HTML 6Page - Linear Technology LT5516 Datasheet HTML 7Page - Linear Technology LT5516 Datasheet HTML 8Page - Linear Technology LT5516 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT5516
1
5516fa
LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
The LT
®5516 is an 800MHz to 1.5GHz direct conversion
quadrature demodulator optimized for high linearity re-
ceiver applications. It is suitable for communications
receivers where an RF or IF signal is directly converted into
I and Q baseband signals with bandwidth up to 260MHz.
The LT5516 incorporates balanced I and Q mixers, LO
buffer amplifiers and a precision, high frequency quadra-
ture generator.
In an RF receiver, the high linearity of the LT5516 provides
excellent spur-free dynamic range, even with fixed gain
front end amplification. This direct conversion receiver
can eliminate the need for intermediate frequency (IF)
signal processing, as well as the corresponding require-
ments for image filtering and IF filtering. Channel filtering
can be performed directly at the outputs of the I and Q
channels. These outputs can interface directly to channel-
select filters (LPFs) or to a baseband amplifier.
Cellular/PCS/UMTS Infrastructure
High Linearity Direct Conversion I/Q Receiver
High Linearity I/Q Demodulator
Frequency Range: 800MHz to 1.5GHz
High IIP3: 21.5dBm at 900MHz
High IIP2: 52dBm
Noise Figure: 12.8dB at 900MHz
Conversion Gain: 4.3dB at 900MHz
I/Q Gain Mismatch: 0.2dB
Shutdown Mode
16-Lead QFN 4mm
× 4mm Package
with Exposed Pad
800MHz to 1.5GHz Direct
Conversion Quadrature Demodulator
Figure 1. High Signal-Level I/Q Demodulator for Wireless Infrastructure
BPF
5V
VCC
BPF
RF+
RF
LPF
LT5516
IOUT
+
IOUT
0
°
LO+
LO INPUT
LO
EN
ENABLE
LPF
DSP
QOUT
+
QOUT
90
°
0
°/90°
5516 F01
LNA
VGA
VGA
20
0
–20
–40
–60
–80
–100
RF INPUT POWER (dBm)
–18
–14
–10
–6
–2
26
5516 TA01
POUT
IM3
VCC = 5v
TA = 25°C
PLO = –10dBm
fLO = 901MHz
fRF1 = 899.9MHz
fRF2 = 900.1MHz
I/Q Output Power, IM3 vs
RF Input Power
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO


Similar Part No. - LT5516

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5516 LINER-LT5516 Datasheet
307Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5516 LINER-LT5516 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LT5516 LINER-LT5516 Datasheet
194Kb / 12P
   800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
LT5516 LINER-LT5516 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
More results

Similar Description - LT5516

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5516 LINER-LT5516 Datasheet
194Kb / 12P
   800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
LT5515 LINER-LT5515 Datasheet
197Kb / 12P
   1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
LT5515 LINER-LT5515_15 Datasheet
203Kb / 12P
   1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
LT5575 LINER-LT5575 Datasheet
307Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5575 LINER-LT5575_15 Datasheet
317Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
logo
Analog Devices
AD8347 AD-AD8347_15 Datasheet
630Kb / 28P
   0.8 GHz to 2.7 GHz Direct Conversion Quadrature Demodulator
REV. A
AD8347 AD-AD8347 Datasheet
750Kb / 20P
   0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator
REV. 0
logo
Linear Technology
LT5528 LINER-LT5528_15 Datasheet
319Kb / 16P
   1.5GHz to 2.4GHz High Linearity Direct Quadrature Modulator
LT5572 LINER-LT5572_15 Datasheet
332Kb / 16P
   1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
LT5528 LINER-LT5528 Datasheet
313Kb / 16P
   1.5GHz to 2.4GHz High Linearity Direct Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com