Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3489 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3489
Description  2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3489 Datasheet(HTML) 1 Page - Linear Technology

  LT3489_15 Datasheet HTML 1Page - Linear Technology LT3489_15 Datasheet HTML 2Page - Linear Technology LT3489_15 Datasheet HTML 3Page - Linear Technology LT3489_15 Datasheet HTML 4Page - Linear Technology LT3489_15 Datasheet HTML 5Page - Linear Technology LT3489_15 Datasheet HTML 6Page - Linear Technology LT3489_15 Datasheet HTML 7Page - Linear Technology LT3489_15 Datasheet HTML 8Page - Linear Technology LT3489_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT3489
1
3489f
AVDD LOAD CURRENT (mA)
0
65
70
75
300
500
3489 TA01b
60
55
50
100
200
400
80
85
90
700
600
VON LOAD = 10mA
VOFF LOAD = 20mA
2MHz Boost DC/DC
Converter with 2.5A Switch
and Soft-Start
The LT
®3489 is a fixed frequency step-up DC/DC converter
containing an internal 2.5A, 40V switch. The LT3489 is
ideal for large TFT-LCD panel power supplies. The LT3489
switches at 2MHz, allowing the use of tiny, low profile
inductors and low value ceramic capacitors. Loop com-
pensation can be either internal or external, giving the
user flexibility in setting loop compensation and allow-
ing optimized transient response with low ESR ceramic
output capacitors. Soft-start is controlled with an external
capacitor, which determines the input current ramp rate
during start-up.
The 8-lead MS8E package and high switching frequency en-
sure a low profile overall solution less than 1.1mm high.
TFT-LCD Bias Supplies
GPS Receivers
DSL Modems
Local Power Supply
2.5A, 0.12Ω, 40V Internal Switch
2MHz Switching Frequency
Integrated Soft-Start Function
VIN Range: 2.6V to 16V
Adjustable Output from VIN to 40V
Low VCESAT Switch: 110mV at 1A (Typical)
8V at 610mA from a 3.3V Input
Internal or External Loop Compensation
Small 8-Lead MS8E
Low Profile, Triple Output TFT Supply (8V, –8V, 23V)
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
VIN
VIN
3.3V
SW
FB
LT3489
2.2
µH
5.23k
37.4k
28.7k
3489 TA01
20
µF
220pF
0.1
µF
0.1
µF
0.1
µF
2
µF
2
µF
4.7
µF
100nF
VOFF
–8V
20mA
AVDD
8V
610mA
VON
23V
10mA
0.1
µF
VC
GND
SHDN
SS
COMP
+
OFF ON
Efficiency


Similar Part No. - LT3489_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3489EMS8E LINER-LT3489EMS8E Datasheet
219Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
More results

Similar Description - LT3489_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3489 LINER-LT3489 Datasheet
219Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1946A LINER-LT1946A Datasheet
312Kb / 12P
   2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1946 LINER-LT1946 Datasheet
266Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1946A LINER-LT1946A_15 Datasheet
323Kb / 12P
   2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT3580 LINER-LT3580_15 Datasheet
300Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT3580IDD LINER-LT3580IDD Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT3580 LINER-LT3580 Datasheet
460Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT8570 LINER-LT8570_15 Datasheet
663Kb / 34P
   Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
LT8570-1 LINER-LT8570-1_15 Datasheet
663Kb / 34P
   Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com