Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGXW-521E-TR1-CW Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LGXW-521E-TR1-CW
Description  1.0W Power Light LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LGXW-521E-TR1-CW Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LGXW-521E-TR1-CW Datasheet HTML 1Page - LIGITEK electronics co., ltd. LGXW-521E-TR1-CW Datasheet HTML 2Page - LIGITEK electronics co., ltd. LGXW-521E-TR1-CW Datasheet HTML 3Page - LIGITEK electronics co., ltd. LGXW-521E-TR1-CW Datasheet HTML 4Page - LIGITEK electronics co., ltd. LGXW-521E-TR1-CW Datasheet HTML 5Page - LIGITEK electronics co., ltd. LGXW-521E-TR1-CW Datasheet HTML 6Page - LIGITEK electronics co., ltd. LGXW-521E-TR1-CW Datasheet HTML 7Page - LIGITEK electronics co., ltd. LGXW-521E-TR1-CW Datasheet HTML 8Page - LIGITEK electronics co., ltd. LGXW-521E-TR1-CW Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Forward Voltage Characteristics at 350mA
(Ratings At 25
Ambient)
Vf
Min.
Note : Forward Voltage is measured with an accuracy of±0.1V
Emission
Color
4.0
3.5
Max.
Typ.
Units
Chromaticity Coordinates Characteristics at 350mA
(Ratings At 25
Ambient )
Note : ±0.01 is tester tolerance.
Emission Angle Characteristics at 350mA
(Ratings At 25
Ambient )
PART NO
----
LGXW-521E/TR1-CW
White
V
Emission
Color
LGXW-521E/TR1-CW
White
PART NO
Chromaticity
Coordinates
X
Min.
0.3076
Max.
Min.
Y
0.348
0.3106
0.386
Emission
Color
LGXW-521E/TR1-CW
White
PART NO
Units
120
Degess
Lambertian
3/12
Page
Max.


Similar Part No. - LGXW-521E-TR1-CW

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGXW-521E-TR1-D01 LIGITEK-LGXW-521E-TR1-D01 Datasheet
213Kb / 14P
   0.6W Power Light LED
More results

Similar Description - LGXW-521E-TR1-CW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBHP684UE-IWU-WW ETC1-QBHP684UE-IWU-WW Datasheet
941Kb / 13P
   1.0W High Power LED
QBHP684UE-IWU-XX ETC-QBHP684UE-IWU-XX Datasheet
926Kb / 13P
   1.0W High Power LED
logo
Luminus, Inc
MP-3030-2200 LUMINUS-MP-3030-2200 Datasheet
1Mb / 14P
   Mid Power LED (1.0W)
logo
List of Unclassifed Man...
QBHP684U-IRU ETC2-QBHP684U-IRU Datasheet
593Kb / 9P
   1.0W High Power IR LED
QBHP684U-IRU ETC1-QBHP684U-IRU Datasheet
635Kb / 9P
   1.0W High Power IR LED
logo
Luminus, Inc
MP-3030-2100 LUMINUS-MP-3030-2100 Datasheet
1Mb / 15P
   High-Performance Mid Power LED (1.0W)
logo
List of Unclassifed Man...
AN8053N ETC-AN8053N Datasheet
163Kb / 5P
   1.0W Power Amplifier
logo
Diodes Incorporated
SMAZ24-13 DIODES-SMAZ24-13 Datasheet
129Kb / 5P
   1.0W Power Dissipation
logo
Visual Communications C...
VAOP-EWS-1 VCC-VAOP-EWS-1 Datasheet
1Mb / 9P
   Power Light LED
VAOP-EWS-3 VCC-VAOP-EWS-3 Datasheet
1Mb / 9P
   Power Light LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com