Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3461 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3461
Description  1.3MHz/3MHz Step-Up DC/DC Converters with Integrated Schottky in ThinSOT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3461 Datasheet(HTML) 7 Page - Linear Technology

  LT3461 Datasheet HTML 1Page - Linear Technology LT3461 Datasheet HTML 2Page - Linear Technology LT3461 Datasheet HTML 3Page - Linear Technology LT3461 Datasheet HTML 4Page - Linear Technology LT3461 Datasheet HTML 5Page - Linear Technology LT3461 Datasheet HTML 6Page - Linear Technology LT3461 Datasheet HTML 7Page - Linear Technology LT3461 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LT3461/LT3461A
7
3461af
3.3V to 5V Step-Up Converter (LT3461A)
3.3V to 5V Step-Up Converter Efficiency
VIN
3.3V
L1
4.7µH
R1
45.3k
R2
15k
C2
1µF
15pF
C1
1µF
VOUT
5V
115mA
1
2
VIN
VOUT
SW
3
4
5
6
FB
SHDN
GND
LT3461A
C1, C2: TAIYO YUDEN X7R LMK212BJ105
L1: MURATA LQH32CN4R7M33 OR EQUIVALENT
3461a TA03a
OFF ON
LOAD CURRENT (mA)
0
80
75
70
65
60
3461a TA03b
60
30
120
90
TYPICAL APPLICATIO S
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PACKAGE DESCRIPTIO
S6 Package
6-Lead Plastic TSOT-23
(Reference LTC DWG # 05-08-1636)
1.50 – 1.75
(NOTE 4)
2.80 BSC
0.30 – 0.45
6 PLCS (NOTE 3)
DATUM ‘A’
0.09 – 0.20
(NOTE 3)
S6 TSOT-23 0302
2.90 BSC
(NOTE 4)
0.95 BSC
1.90 BSC
0.80 – 0.90
1.00 MAX
0.01 – 0.10
0.20 BSC
0.30 – 0.50 REF
PIN ONE ID
NOTE:
1. DIMENSIONS ARE IN MILLIMETERS
2. DRAWING NOT TO SCALE
3. DIMENSIONS ARE INCLUSIVE OF PLATING
4. DIMENSIONS ARE EXCLUSIVE OF MOLD
FLASH AND METAL BURR
5. MOLD FLASH SHALL NOT EXCEED 0.254mm
6. JEDEC PACKAGE REFERENCE IS MO-193
3.85 MAX
0.62
MAX
0.95
REF
RECOMMENDED SOLDER PAD LAYOUT
PER IPC CALCULATOR
1.4 MIN
2.62 REF
1.22 REF


Similar Part No. - LT3461

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3461 LINER-LT3461 Datasheet
149Kb / 8P
   1.3MHz/3MHz Step-Up DC/DC Converters with Integrated Schottky in ThinSOT
LT3461A LINER-LT3461A Datasheet
149Kb / 8P
   1.3MHz/3MHz Step-Up DC/DC Converters with Integrated Schottky in ThinSOT
LT3461A LINER-LT3461A Datasheet
159Kb / 8P
   1.3MHz/3MHz Step-Up DC/DC Converters with Integrated Schottky in ThinSOT
LT3461AES6 LINER-LT3461AES6 Datasheet
149Kb / 8P
   1.3MHz/3MHz Step-Up DC/DC Converters with Integrated Schottky in ThinSOT
LT3461A LINER-LT3461A_15 Datasheet
159Kb / 8P
   1.3MHz/3MHz Step-Up DC/DC Converters with Integrated Schottky in ThinSOT
More results

Similar Description - LT3461

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3461 LINER-LT3461 Datasheet
149Kb / 8P
   1.3MHz/3MHz Step-Up DC/DC Converters with Integrated Schottky in ThinSOT
LT3461A LINER-LT3461A_15 Datasheet
159Kb / 8P
   1.3MHz/3MHz Step-Up DC/DC Converters with Integrated Schottky in ThinSOT
LT3460 LINER-LT3460 Datasheet
211Kb / 12P
   1.3MHz Step-Up DC/DC Converter in SC70 and ThinSOT
LT1615 LINER-LT1615_15 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LT1615ES5-1 LINER-LT1615ES5-1 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LT1615-1 LINER-LT1615-1_15 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LT1930A LINER-LT1930A_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LT1930 LINER-LT1930_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LT3462 LINER-LT3462 Datasheet
225Kb / 8P
   Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT3462 LINER-LT3462_15 Datasheet
233Kb / 8P
   Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com