Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGLR-311H Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LGLR-311H
Description  1W Power Light LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LGLR-311H Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

Back Button LGLR-311H Datasheet HTML 2Page - LIGITEK electronics co., ltd. LGLR-311H Datasheet HTML 3Page - LIGITEK electronics co., ltd. LGLR-311H Datasheet HTML 4Page - LIGITEK electronics co., ltd. LGLR-311H Datasheet HTML 5Page - LIGITEK electronics co., ltd. LGLR-311H Datasheet HTML 6Page - LIGITEK electronics co., ltd. LGLR-311H Datasheet HTML 7Page - LIGITEK electronics co., ltd. LGLR-311H Datasheet HTML 8Page - LIGITEK electronics co., ltd. LGLR-311H Datasheet HTML 9Page - LIGITEK electronics co., ltd. LGLR-311H Datasheet HTML 10Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
5/10
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
624
621
28
627
30
R
29
624
630
627
27
620
Group
Min
(nm)
λD
621
Max
Max
Min
51.7
F23
F22
39.8
F21
30.6
F20
23.5
67.2
51.7
39.8
30.6
Luminous flux(lm)
Group
Brightness Code For High Power LED
Dominant Wavelength For High Power LED
Note : Flux is measured with an accuracy of
±10%


Similar Part No. - LGLR-311H

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGLR-311E LIGITEK-LGLR-311E Datasheet
179Kb / 12P
   1W Power Light LED
More results

Similar Description - LGLR-311H

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGLG-311E LIGITEK-LGLG-311E Datasheet
183Kb / 12P
   1W Power Light LED
LGFLW-311E1-1-60-B02 LIGITEK-LGFLW-311E1-1-60-B02 Datasheet
328Kb / 14P
   1W Power Light LED
LGFLY-311E LIGITEK-LGFLY-311E Datasheet
272Kb / 13P
   1W Power Light LED
LGFLN-311E LIGITEK-LGFLN-311E Datasheet
346Kb / 14P
   1W Power Light LED
LGLV-311E1 LIGITEK-LGLV-311E1 Datasheet
201Kb / 13P
   1W Power Light LED
LGLW-311E1 LIGITEK-LGLW-311E1 Datasheet
203Kb / 13P
   1W Power Light LED
LGSV-311E LIGITEK-LGSV-311E Datasheet
136Kb / 10P
   1W Power Light LED
LG-7020WKZ-2-P-A07 LIGITEK-LG-7020WKZ-2-P-A07 Datasheet
416Kb / 15P
   1W Power Light LED
LGFLW-311E-60 LIGITEK-LGFLW-311E-60 Datasheet
354Kb / 15P
   1W Power Light LED
LGSV-311E1-1 LIGITEK-LGSV-311E1-1 Datasheet
248Kb / 13P
   1W Power Light LED
LGSV-311H LIGITEK-LGSV-311H Datasheet
152Kb / 11P
   1W Power Light LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com