Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGFLV-313E1-1 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LGFLV-313E1-1
Description  LGFLV-313E1-1
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LGFLV-313E1-1 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LGFLV-313E1-1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LGFLV-313E1-1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LGFLV-313E1-1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LGFLV-313E1-1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LGFLV-313E1-1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LGFLV-313E1-1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LGFLV-313E1-1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LGFLV-313E1-1 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LGFLV-313E1-1 Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Note :
1. Warm White emitters are built with InGaN.
2. Flux and power is measured with an accuracy of
±10%
Absolute Maximum Ratings at Ta=25
. Luminous Flux Characteristics at 700mA
(Ratings At 25
Ambient)
LED junction Temperature
Tj
Peak pulse current
Duty 1/10@10KHz
Power Dissipation
DC Forward Current
PD
IFP
IF
Parameter
Symbol
125
UNIT
mA
W
mA
Warm White
1000
2.8
700
Ratings
lm
----
113.6
Lambertian
Warm
White
Radiation
Pattern
Units
Luminous
Flux
@700mA(lm)
Emission
Color
Min.
Max.
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 2/13
Reverse Current(VR=5V)
Storage Temperature
Operating Temperature
Ir
Tstg
Topr
100
-40 ~ +120
-40 ~ +100
μA
Manual Soldering Time
at 260
°C(Max)
Tsol
5
seconds
PART NO
LGFLV-313E1-1
Typ.
147.7
ESD Sensitivity
VB
±4000
V
NOTE:
1. Proper current derating must be observed to maintain temperature below the maximum.
2. LEDS are not designed to be driven in reverse bias.


Similar Part No. - LGFLV-313E1-1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGFLV-311E LIGITEK-LGFLV-311E Datasheet
355Kb / 14P
   1W Power Light LED
LGFLV-311E-60 LIGITEK-LGFLV-311E-60 Datasheet
339Kb / 14P
   1W Power Light LED
LGFLV-311E1-1-60-B01 LIGITEK-LGFLV-311E1-1-60-B01 Datasheet
355Kb / 14P
   1W Power Light LED
More results

Similar Description - LGFLV-313E1-1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-010411-CT1160 MA-COM-MABA-010411-CT1160 Datasheet
158Kb / 4P
   Transformer, 1:1
MABACT0062 MA-COM-MABACT0062 Datasheet
147Kb / 4P
   Transformer, 1:1
MABA-010400-CT18A0 MA-COM-MABA-010400-CT18A0 Datasheet
123Kb / 4P
   Transformer, 1:1
logo
Vishay Siliconix
122 VISHAY-122 Datasheet
351Kb / 4P
   1 1/16
01-Jan-2022
logo
M/A-COM Technology Solu...
MABA-010314-CT1370 MA-COM-MABA-010314-CT1370 Datasheet
159Kb / 4P
   Transformer, 1:1
MABA-010314-CT1370 MA-COM-MABA-010314-CT1370 Datasheet
159Kb / 4P
   Transformer, 1:1
MABA-010726-CT1007-V1 MA-COM-MABA-010726-CT1007-V1 Datasheet
1Mb / 4P
   Transformer, 1:1
MABA-011009-V2 MA-COM-MABA-011009-V2 Datasheet
584Kb / 4P
   Transformer, 1:1
MABA-010400-CT18A0 MA-COM-MABA-010400-CT18A0 Datasheet
123Kb / 4P
   Transformer, 1:1
logo
Alpha Wire
B963011 ALPHAWIRE-B963011 Datasheet
68Kb / 2P
   Component 1 1 X 1 PAIR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com