Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIA378R12PI Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KIA378R12PI
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA378R12PI Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KIA378R12PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA378R12PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA378R12PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA378R12PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA378R12PI Datasheet HTML 5Page - KEC(Korea Electronics) KIA378R12PI Datasheet HTML 6Page - KEC(Korea Electronics) KIA378R12PI Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2001. 6. 28
4/7
KIA378R05PI~KIA378R15PI
Revision No : 1
-100
-25
JUNCTION TEMPERATURE T ( C)
j
j
o
Fig.5-1 T - V (KIA378R05)
0
25
50
75
100
125
-50
0
50
100
150
V
=7V
I =1.5A
IN
O
j
JUNCTION TEMPERATURE T ( C)
Fig.5-3 T - V (KIA378R09)
-150
O
V =15V
I =1.5A
-25
IN
075
50
25
j
o
100
125
-100
-50
0
50
100
150
200
-150
O
V =10V
I =1.5A
-25
IN
075
50
25
100
125
-100
-50
0
50
100
150
200
OUTPUT CURRENT I (A)
O
Fig.4 I - VO
O
JUNCTION TEMPERATURE T ( C)
j
Fig.5-4 T - V (KIA378R12)
j
o
JUNCTION TEMPERATURE T ( C)
j
Fig.5-2 T - V (KIA378R08)
j
o
AMBIENT TEMPERATURE Ta ( C)
Fig.3 Ta - P
Note) Oblique line portion : Overheat
protection may operate in this
area.
D
0
-25
0
50
100
150
5
10
15
20
P 1:No heat sink
p 2:With infinite heat sink
D
D
P 1
P 2
D
D
-150
-25
-200
025
50
I =1.5A
V =18V
100
-50
-100
50
0
200
150
250
O
IN
100
75
125
0
0
12
34
56
7
20
40
60
80
100


Similar Part No. - KIA378R12PI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA378R12PI KEC-KIA378R12PI Datasheet
932Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Similar Description - KIA378R12PI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA378R25PI KEC-KIA378R25PI Datasheet
97Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA78R05API KEC-KIA78R05API Datasheet
1Mb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78R25API KEC-KIA78R25API Datasheet
105Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA278R25PI KEC-KIA278R25PI Datasheet
97Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA278R05PI KEC-KIA278R05PI Datasheet
118Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA78R05PI KEC-KIA78R05PI Datasheet
129Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78D25F KEC-KIA78D25F Datasheet
402Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (3 TERMINAL LOW DROP OUTPUT VOLTAGE REGULATOR)
KIA78R05F KEC-KIA78R05F Datasheet
122Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (5 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78R25F KEC-KIA78R25F Datasheet
103Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (5 TERMINAL LOW DROP VOLTAGE REGULATOR)
logo
Unisonic Technologies
378RXX UTC-378RXX Datasheet
225Kb / 8P
   4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com