Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1464 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # 2SA1464
Description  PNP TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

2SA1464 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  2SA1464_15 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
2. 80¡ À0. 05
1. 60¡ À0. 05
2SA1464 TRANSISTOR (PNP)
FEATURES
Power dissipation
PCM :
0.2
W (Tamb=25
℃)
Collector current
ICM :
-0.5
A
Collector-base voltage
V(BR)CBO : -60
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=-100
µA, I
E=0
-60
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic= -1mA, IB=0
-40
V
Emitter-base breakdown voltage
V(BR)EBO
IE= -100
µA, I
C=0
-5
V
Collector cut-off current
ICBO
VCB=- 40 V , IE=0
-0.1
µA
Emitter cut-off current
IEBO
VEB= -4V ,
IC=0
-0.1
µA
DC current gain
hFE(1)
VCE=- 2V, IC= -150mA
75
140
300
DC current gain
hFE(2)
VCE=- 2V, IC= -500mA
20
50
Collector-emitter saturation voltage
VCE(sat)
IC=-500 mA, IB= -50mA
-0.45
-0.75
V
Base-emitter voltage
VBE(on)
IC=-500mA, VCE=-50V
-1.0
-1.3
V
Transition frequency
fT
VCE=-10V, IC= -20mA
150
400
MHz
Ouput Capacitance
Cob
VCB=-10V, IE=-20mA
5.0
8.0
pF
Turn-on Time
ton
35
ns
Storage Time
tstg
225
ns
Turn-on Time
Toff
VCC=-30V
IC=150mA
IB1=-IB2=15mA
255
ns
CLASSIFICATION OF hFE(1)
Marking
Y12
Y13
Y14
Range
75-150
100-200
150-300
SOT-23-3L
1. EMITTER
2. BASE
3. COLLECTOR
2SA1464
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - 2SA1464_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SA1464 KEXIN-2SA1464_15 Datasheet
1Mb / 3P
   PNP Transistors
More results

Similar Description - 2SA1464_15

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
EMZ8 JIANGSU-EMZ8 Datasheet
4Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
   DUAL TRANSISTOR (PNPPNP)
MMDT3906 JIANGSU-MMDT3906 Datasheet
3Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com