Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N966B Datasheet(PDF) 4 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # 1N966B
Description  Zener diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

1N966B Datasheet(HTML) 4 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  1N966B Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD 1N966B Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD 1N966B Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD 1N966B Datasheet HTML 4Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD 1N966B Datasheet HTML 5Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD 1N966B Datasheet HTML 6Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
WEJ
ELECTRONIC
CO.,LTD
1N957B~1N982B
Figure 6. Zener Voltage versus Zener Current – Vz=1 thru 16 Volts
Figure 7. Zener Voltage versus Zener Current – Vz=15 thru 30 Volts
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - 1N966B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N966B JGD-1N966B Datasheet
185Kb / 2P
   0.5W SILICON ZENER DIODES
logo
Tak Cheong Electronics ...
1N966B TAK_CHEONG-1N966B Datasheet
295Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Compensated Deuices Inc...
1N966B CDI-DIODE-1N966B Datasheet
110Kb / 2P
   METALLURGICALLY BONDED
logo
TRANSYS Electronics Lim...
1N966B TEL-1N966B Datasheet
231Kb / 2P
   Hermetically Sealed Glass Package Zener Diodes
logo
General Semiconductor
1N966B GE-1N966B Datasheet
37Kb / 2P
   ZENER DIODES
More results

Similar Description - 1N966B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com