Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4150 Datasheet(PDF) 3 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # 1N4150
Description  High-speed switching diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

1N4150 Datasheet(HTML) 3 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  1N4150_15 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD 1N4150_15 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD 1N4150_15 Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WEJ
ELECTRONIC
CO.,LTD
Electrical Characteristics
Tj=25℃
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
IF=1mA
VF
0.54
0.62
V
IF=10mA
VF
0.66
0.74
V
IF=50mA
VF
0.76
0.86
V
IF=100mA
VF
0.82
0.92
V
Forward voltage
IF=200mA
VF
0.87
1.0
V
VR=50V
IR
100
nA
Reverse current
VR=50V, Tj=150℃
IR
100
μ
A
Diode capacitance
VR=0, f=1MHz, VHF=50mV
CD
2.5
pF
Reverse recovery time
IF= IR=10…100mA, iR=1mA,
RL=100Ω
trr
4
ns
Characteristics (Tj=25℃ unless otherwise specified)
Figure 1. Maximum permissible continuous forward
current vs. ambient temperature
Figure 2. Forward current vs. forward voltage
1N4150
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - 1N4150_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
1N4150 GOOD-ARK-1N4150_15 Datasheet
59Kb / 1P
   Small-Signal Diode Fast Switching Diode
More results

Similar Description - 1N4150_15

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HY ROHM-BAW56HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN222ZM ROHM-DAN222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com