Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

106273-0564 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 106273-0564
Description  Mini-LC Duplex, Micro Meter, 50/125m, OM3 Fiber, Duplex, 10.00m Length
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

106273-0564 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  106273-0564 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 05/08/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
106273-0564
Status:
Active
Overview:
LC Connectors and Adapters
Description:
Mini-LC Duplex, Micro Meter, 50/125µm, OM3 Fiber, Duplex, 10.00m Length
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Fiber Optic Assemblies
Series
106273
Boot Type
Straight
Connector to Connector
Mini-LC-to-Mini-LC
Mode
Multimode Enhanced
Overview
LC Connectors and Adapters
Product Name
LC
UPC
884982050228
Physical
Cable Length
10.0m
Cable Size
1.60mm
Fiber (Core/Cladding)
50/125µm
Net Weight
118.135/g
Single Ended
No
Wire/Cable Type
Zipcord
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-106273-056X
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
106273Series
Use With
Brocade Products Only
This document was generated on 05/08/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 106273-0564

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
106273-0560 MOLEX11-106273-0560 Datasheet
47Kb / 1P
   Mini-LC Duplex, Micro Meter, 50/125m, OM3 Fiber, Duplex, 1.00m Length
106273-0561 MOLEX11-106273-0561 Datasheet
47Kb / 1P
   Mini-LC Duplex, Micro Meter, 50/125m, OM3 Fiber, Duplex, 2.00m Length
106273-0562 MOLEX11-106273-0562 Datasheet
47Kb / 1P
   Mini-LC Duplex, Micro Meter, 50/125m, OM3 Fiber, Duplex, 3.00m Length
106273-0563 MOLEX11-106273-0563 Datasheet
47Kb / 1P
   Mini-LC Duplex, Micro Meter, 50/125m, OM3 Fiber, Duplex, 5.00m Length
More results

Similar Description - 106273-0564

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
106273-0529 MOLEX11-106273-0529 Datasheet
44Kb / 1P
   Mini-LC to Standard LC Duplex, Micro Meter, 50/125m, OM3 Fiber, Duplex, 10.00m Length
106273-0560 MOLEX11-106273-0560 Datasheet
47Kb / 1P
   Mini-LC Duplex, Micro Meter, 50/125m, OM3 Fiber, Duplex, 1.00m Length
106273-0561 MOLEX11-106273-0561 Datasheet
47Kb / 1P
   Mini-LC Duplex, Micro Meter, 50/125m, OM3 Fiber, Duplex, 2.00m Length
106273-0563 MOLEX11-106273-0563 Datasheet
47Kb / 1P
   Mini-LC Duplex, Micro Meter, 50/125m, OM3 Fiber, Duplex, 5.00m Length
106273-0562 MOLEX11-106273-0562 Datasheet
47Kb / 1P
   Mini-LC Duplex, Micro Meter, 50/125m, OM3 Fiber, Duplex, 3.00m Length
106273-0525 MOLEX11-106273-0525 Datasheet
44Kb / 1P
   Mini-LC to Standard LC Duplex, Micro Meter, 50/125m, OM3 Fiber, Duplex, 1.00m Length
106273-0526 MOLEX11-106273-0526 Datasheet
44Kb / 1P
   Mini-LC to Standard LC Duplex, Micro Meter, 50/125m, OM3 Fiber, Duplex, 2.00m Length
106273-0527 MOLEX11-106273-0527 Datasheet
44Kb / 1P
   Mini-LC to Standard LC Duplex, Micro Meter, 50/125m, OM3 Fiber, Duplex, 3.00m Length
106273-0528 MOLEX11-106273-0528 Datasheet
44Kb / 1P
   Mini-LC to Standard LC Duplex, Micro Meter, 50/125m, OM3 Fiber, Duplex, 5.00m Length
106273-0693 MOLEX11-106273-0693 Datasheet
44Kb / 1P
   Mini-LC to Standard LC Duplex, Micro Meter, 50/125m, OM3 Fiber, Duplex, 13.00m Length
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com