Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1536 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1536
Description  Precision Triple Supply Monitor for PCI Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1536 Datasheet(HTML) 5 Page - Linear Technology

  LTC1536 Datasheet HTML 1Page - Linear Technology LTC1536 Datasheet HTML 2Page - Linear Technology LTC1536 Datasheet HTML 3Page - Linear Technology LTC1536 Datasheet HTML 4Page - Linear Technology LTC1536 Datasheet HTML 5Page - Linear Technology LTC1536 Datasheet HTML 6Page - Linear Technology LTC1536 Datasheet HTML 7Page - Linear Technology LTC1536 Datasheet HTML 8Page - Linear Technology LTC1536 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1536
1536fa
TYPICAL PERFORMANCE CHARACTERISTICS
VCC3 Typical Transient Duration
vs Reset Comparator Overdrive
VCCA Typical Transient Duration
vs Reset Comparator Overdrive
VCC3 RESET COMPARATOR OVERDRIVE, VRT3 – VCC3 (V)
0.001
20
30
40
45
50
0.01
0.1
1
1536 G10
10
0
25
35
15
5
RESET OCCURS
ABOVE CURVE
VCCA RESET COMPARATOR OVERDRIVE, VRTA – VCCA (V)
0.001
20
30
40
0.01
0.1
1
1536 G12
10
0
25
35
15
5
RESET OCCURS
ABOVE CURVE
VCC5 Typical Transient Duration
vs Reset Comparator Overdrive
VCC5 RESET COMPARATOR OVERDRIVE, VRT5 – VCC5 (V)
0.001
20
30
40
45
0.01
0.1
1
1536 G11
10
0
25
35
15
5
RESET OCCURS
ABOVE CURVE
RST Output Voltage
vs Supply Voltage
SUPPLY VOLTAGE, VCC (V)
0
3.0
4.0
5.0
4.0
1536 G13
2.0
1.0
2.5
3.5
4.5
1.5
0.5
0
1.0
2.0
3.0
0.5
4.5
1.5
2.5
3.5
5.0
VCC5 = VCC3 = VCCA
4.7k PULL-UP FROM RST TO VCC5
TA = 25°C
Undervoltage Response Time
vs Temperature
TIME (1
µs/DIV)
1536 G15
VCC3
85
° –40°
RST
MARGIN
DEVICE THRESHOLD
PCI SPEC
25
°
tFAIL SPEC
VCC3 FALLING
FROM 3.3V TO
2.3V AT (– 0.1V/
µs)
RST Output Voltage
vs Supply Voltage
SUPPLY VOLTAGE, VCC (V)
0
3.0
4.0
5.0
4.0
1536 G16
2.0
1.0
2.5
3.5
4.5
1.5
0.5
0
1.0
2.0
3.0
0.5
4.5
1.5
2.5
3.5
5.0
VCC5 = VCC3 = VCCA
RST PIN LOADED WITH
10M
Ω TO GND
TA = 25°C
Power-Fail Response Time
vs Temperature
TIME (20ns/DIV)
1536 G14
VCC5
RST
85
°
–40
°
25
°


Similar Part No. - LTC1536

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1536 LINER-LTC1536 Datasheet
174Kb / 12P
   Precision Triple Supply Monitor for PCI Applications
LTC1536 LINER-LTC1536 Datasheet
173Kb / 16P
   Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC1536 LINER-LTC1536 Datasheet
153Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
LTC1536C LINER-LTC1536C Datasheet
174Kb / 12P
   Precision Triple Supply Monitor for PCI Applications
LTC1536CMS8 LINER-LTC1536CMS8 Datasheet
174Kb / 12P
   Precision Triple Supply Monitor for PCI Applications
More results

Similar Description - LTC1536

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1536 LINER-LTC1536 Datasheet
174Kb / 12P
   Precision Triple Supply Monitor for PCI Applications
LTC2911 LINER-LTC2911_15 Datasheet
255Kb / 20P
   Precision Triple Supply Monitor with Power-Fail Comparator
logo
Advanced Monolithic Sys...
AMS803 AMS-AMS803 Datasheet
416Kb / 8P
   Precision supply-voltage monitor
logo
Pericom Semiconductor C...
PT7M7809 PERICOM-PT7M7809 Datasheet
485Kb / 12P
   Precision supply-voltage monitor
logo
Shenzhen Huazhimei Semi...
HM811 HMSEMI-HM811 Datasheet
325Kb / 5P
   Precision supply-voltage monitor
logo
Linear Integrated Syste...
LTC2908 LINEAR-LTC2908 Datasheet
165Kb / 16P
   Precision Six Supply Monitor
logo
List of Unclassifed Man...
PT7M7811 ETC2-PT7M7811 Datasheet
650Kb / 13P
   Precision supply-voltage monitor
logo
Fujitsu Component Limit...
MB3771PF-G-BND-JNE1 FUJITSU-MB3771PF-G-BND-JNE1 Datasheet
196Kb / 21P
   ASSP For power supply applications BIPOLAR Power Supply Monitor
logo
Linear Technology
LTC2908 LINER-LTC2908 Datasheet
205Kb / 16P
   Precision Six Input Supply Monitor
LTC2908 LINER-LTC2908_15 Datasheet
234Kb / 18P
   Precision Six Input Supply Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com