Electronic Components Datasheet Search |
|
MSK5275-20 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation |
|
MSK5275-20 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation |
1 / 5 page 4707 Dey Road Liverpool, N.Y. 13088 (315) 701-6751 FEATURES: SERIES Hermetic Surface Mount Package Extremely Low Dropout Voltage: 425mV @ 7.5 Amps Available in 1.5V, 1.7V, 1.8V, 1.9V, 2.0V, 2.5V, 3.3V, 3.4V, 5.0V and 12.0V On Board Thermal Shut Down Low Ground Current: 130mA Typical at Full Load 1% Maximum Guaranteed Accuracy Output Current to 7.5 Amps Alternate Output Voltages Available Available to DSCC SMD #5962-03232 DESCRIPTION: The MSK 5275 series voltage regulators are available in +1.5V, +1.7V, +1.8V, +1.9V, +2.0V, +2.5V, +3.3V, +3.4V, +5.0V and +12.0V output configurations. All boast ultra low dropout specifications due to the utilization of a super PNP output pass transistor with monolithic technology. Dropout voltages of 425mV at 7.5 amps are typical in this configuration, which drives efficiency up and power dissipation down. Accuracy is guaranteed with a 1% maximum output voltage tolerance. The MSK 5275 series is packaged in a space efficient 3 pin power surface mount ceramic package. EQUIVALENT SCHEMATIC 5275 TYPICAL APPLICATIONS PIN-OUT INFORMATION High Efficiency, High Current Linear Regulators Constant Voltage/Current Regulators System Power Supplies Switching Power Supply Post Regulators Battery Powered Equipment VIN VOUT Ground 1 2 3 1 MIL-PRF-38534 CERTIFIED FACILITY VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS LID=ISOLATED 8548-42 Rev. J 4/12 |
Similar Part No. - MSK5275-20 |
|
Similar Description - MSK5275-20 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |