Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSK5215-5.0 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK5215-5.0
Description  HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5215-5.0 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK5215-5.0 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5215-5.0 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5215-5.0 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5215-5.0 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5215-5.0 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Input Voltage (100mS 1%D.C.)
Input Voltage
Enable Voltage
Output Current
-20V to +60V
26V
-0.3V to 26V
3.5A
Storage Temperature Range . . -65°C to +150°C
Lead Temperature . . . . . . . . . . . . . . . . . 300°C
(10 Seconds Soldering)
Operating Temperature
MSK 5215 Series . . . . . . . . . . -40°C to +85°C
MSK 5215H Series . . . . . . . . . -55°C to +125°C
VINP
VIN
VEN
IOUT
TST
TLD
TJ
ABSOLUTE MAXIMUM RATINGS
2
Output Current Limit 2
Output Noise 2
Thermal Resistance 2
Thermal Shutdown 2
ΔVOUT = -1%; IOUT = 100 mA
ΔVOUT = -1%; IOUT = 1.5A
(VOUT +1V) ≤ VIN ≤ 26V
IOUT = 10 mA
VOUT = 0V; VIN = VOUT +1V
VIN = VOUT +1V; IOUT = 0.75A
VIN = VOUT +1V; IOUT = 1.5A
CL = 10μF; 10 HZ ≤ f ≤ 100 KHZ
Junction to Case @ 125°C
TJ
Ground Current
2
1
2, 3
1
1
1
2, 3
1
2, 3
-
-
-
-
-
-
Parameter
ELECTRICAL SPECIFICATIONS
-
-
-
-
-
-
-
-
-
-
-
-
-
-
±0.5
±1.0
80
350
±0.2
±0.3
±0.05
±0.5
2.1
18
32
400
3.5
130
±1.0
±2.0
200
600
±1.0
±2.0
±0.5
±1.0
3.5
30
-
-
4.0
-
%
%
mV
mV
%
%
%
%
A
mA
mA
μV
°C/W
°C
-
-
-
-
-
-
-
-
-
-
-
-
-
-
±0.5
-
80
350
±0.2
±0.3
±0.05
±0.5
2.1
18
32
400
3.5
130
±1.0
-
225
625
±1.2
-
±0.6
-
3.5
30
-
-
4.5
-
Group A
Subgroup
MSK 5215H SERIES
Min.
Typ.
Max.
MSK 5215 SERIES
Min.
Typ.
Max.
Units
Test Conditions
Output Voltage Tolerance
Dropout Voltage
2
Load Regulation 8
Line Regulation
IOUT = 10mA; VIN = VOUT +1V
MSK5215-1.5
MSK5215-1.7
MSK5215-1.8
MSK5215-1.9
MSK5215-2.5
MSK5215-3.3
MSK5215-5.0
MSK5215-12
+1.5V
+1.7V
+1.8V
+1.9V
+2.5V
+3.3V
+5.0V
+12.0V
OUTPUT
VOLTAGE
PART
NUMBER
1
2
3
4
5
6
7
8
NOTES:
Output decoupled to ground using 33μF minimum capacitor unless otherwise specified.
Guaranteed by design but no tested. Typical parameters are representative of actual
device performance but are for reference only.
All output parameters are tested using a low duty cycle pulse to maintain TJ = TC.
Industrial grade devices shall be tested to subgroup 1 unless otherwise specified.
Military grade devices ('H' suffix) shall be 100% tested to subgroups 1,2,3.
Subgroup 1
Subgroup 2
Subgroup 3
Please consult the factory if alternate output voltages are required.
Due to current limit, maximum output current may not be available at all values of VIN-VOUT and temperatures.
See typical performance curves for clarification.
TC = +25°C
TJ = +125°C
TA = -55°C
1 3
7
10 mA ≤ IOUT ≤ 1.25A
8548-38 Rev. G 4/12


Similar Part No. - MSK5215-5.0

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5215-5.0 MSK-MSK5215-5.0 Datasheet
220Kb / 5P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5215-5.0 ANAREN-MSK5215-5.0 Datasheet
714Kb / 6P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5215-5.0E MSK-MSK5215-5.0E Datasheet
220Kb / 5P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5215-5.0H MSK-MSK5215-5.0H Datasheet
220Kb / 5P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5215-5.0H ANAREN-MSK5215-5.0H Datasheet
714Kb / 6P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
More results

Similar Description - MSK5215-5.0

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5230-3.3H MSK-MSK5230-3.3H Datasheet
218Kb / 5P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5230 ANAREN-MSK5230 Datasheet
732Kb / 6P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5232 ANAREN-MSK5232 Datasheet
135Kb / 6P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5215 ANAREN-MSK5215 Datasheet
714Kb / 6P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5232-3.3HG MSK-MSK5232-3.3HG Datasheet
255Kb / 6P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5215-50 MSK-MSK5215-50 Datasheet
115Kb / 5P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5215-3.3H MSK-MSK5215-3.3H Datasheet
220Kb / 5P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5215-120 MSK-MSK5215-120 Datasheet
115Kb / 5P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5275-3.3H MSK-MSK5275-3.3H Datasheet
213Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5250-3.3H MSK-MSK5250-3.3H Datasheet
213Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com