Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSK5215-3.3 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK5215-3.3
Description  HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5215-3.3 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK5215-3.3 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5215-3.3 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5215-3.3 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5215-3.3 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5215-3.3 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
FEATURES:
SERIES
Hermetic Surface Mount Package
Extremely Low Dropout Voltage: 350mV @ 1.5 Amps
Available in 1.5V, 1.7V, 1.8V, 1.9V, 2.5V, 3.3V, 5.0V and 12.0V
On Board Thermal Shut Down
Reverse Battery and Load Dump Protection
Low Ground Current: 32mA Typical at Full Load
1% Maximum Guaranteed Accuracy
Output Current to 1.5 Amps
Alternate Output Voltages Available
DESCRIPTION:
The MSK 5215 series voltage regulators are available in +1.5V, +1.7V, +1.8V, +1.9V, +2.5V, +3.3V, +5.0V, and
+12.0V output configurations. All boast ultra low dropout specifications due to the utilization of a super PNP output pass
transistor with monolithic technology. Dropout voltages of 350mV at 1.5 amps are typical in this configuration, which
drives efficiency up and power dissipation down. Accuracy is guaranteed with a 1% maximum output voltage tolerance.
The MSK 5215 series is packaged in a space efficient 3 pin power surface mount ceramic package.
EQUIVALENT SCHEMATIC
5215
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
High Efficiency, High Current Linear Regulators
Constant Voltage/Current Regulators
System Power Supplies
Switching Power Supply Post Regulators
Battery Powered Equipment
VIN
VOUT
Ground
1
2
3
1
MIL-PRF-38534 CERTIFIED FACILITY
HIGH CURRENT, LOW DROPOUT
SURFACE MOUNT
VOLTAGE REGULATORS
LID=ISOLATED
8548-38 Rev. G 4/12


Similar Part No. - MSK5215-3.3

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5215-3.3 MSK-MSK5215-3.3 Datasheet
220Kb / 5P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5215-3.3 ANAREN-MSK5215-3.3 Datasheet
714Kb / 6P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5215-3.3E MSK-MSK5215-3.3E Datasheet
220Kb / 5P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5215-3.3H MSK-MSK5215-3.3H Datasheet
220Kb / 5P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5215-3.3H ANAREN-MSK5215-3.3H Datasheet
714Kb / 6P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
More results

Similar Description - MSK5215-3.3

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5230-3.3H MSK-MSK5230-3.3H Datasheet
218Kb / 5P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5230 ANAREN-MSK5230 Datasheet
732Kb / 6P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5232 ANAREN-MSK5232 Datasheet
135Kb / 6P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5215 ANAREN-MSK5215 Datasheet
714Kb / 6P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5232-3.3HG MSK-MSK5232-3.3HG Datasheet
255Kb / 6P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5215-50 MSK-MSK5215-50 Datasheet
115Kb / 5P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5215-3.3H MSK-MSK5215-3.3H Datasheet
220Kb / 5P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5215-120 MSK-MSK5215-120 Datasheet
115Kb / 5P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5275-3.3H MSK-MSK5275-3.3H Datasheet
213Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5250-3.3H MSK-MSK5250-3.3H Datasheet
213Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com