Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC222 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC222
Description  Micropower, Low Charge Injection, Quad CMOS Analog Switches with Data Latches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC222 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC222 Datasheet HTML 2Page - Linear Technology LTC222 Datasheet HTML 3Page - Linear Technology LTC222 Datasheet HTML 4Page - Linear Technology LTC222 Datasheet HTML 5Page - Linear Technology LTC222 Datasheet HTML 6Page - Linear Technology LTC222 Datasheet HTML 7Page - Linear Technology LTC222 Datasheet HTML 8Page - Linear Technology LTC222 Datasheet HTML 9Page - Linear Technology LTC222 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC221/LTC222
6
2212fa
In-Circuit ESD Test Circuit
APPLICATIO S I FOR ATIO
LTC221/222 • TA07
LTC221/
LTC222
GND
V
–15V
15V
1.5k
ANY SOURCE OR DRAIN PIN
ESD TESTER
POWER APPLIED
OR OPEN CIRCUT
PER MIL-STD-883C
METHOD 3015.2
±4kV
100pF
0.1µF
0.1µF
V+
S OR D
LTC221/222 • AI08
LTC221 IN
LTC222 IN
VS
VO
0V
0V
0V
0V
3V
3V
WR
3V
LOGIC INPUT
tr < 20ns
tr < 20ns
50%
50%
VO
0.9
0.9
VO
tON
tOFF
WR
WR
LTC221/222 • AI09
S1
D1
(REPEAT TEST FOR
IN2, IN3 AND IN4)
VO
CL
35pF
RL
1k
IN1
RL
RL+ rDS(ON)
VO = VS
SWITCH
OUTPUT
SWITCH
INPUT
LOGIC
INPUT
LOGIC
INPUT
VS = 2V
WR
V
–15V
15V
V+
GND
OV
LTC221/222 • AI10
LTC221 IN
LTC222 IN
OV
OV
OV
3V
3V
3V
tDW
tWW
tWD
WR
1.5V
1.5V
0.8V
0.8V
2.4V
2.4V
WR Switching Time Test Circuit
WR Setup Conditions
WR/Input Minimum Timing Requirements
PARAMETER
MIN LIMIT
UNITS
tWW
Write Pulse Width
230
ns
tDW
Data Valid to Write
180
ns
tWD
Data Valid After Write
30
ns


Similar Part No. - LTC222

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC222 LINER-LTC222 Datasheet
140Kb / 12P
   Micropower, Low Charge Injection, Quad CMOS Analog Switches with Data Latches
LTC222 LINER-LTC222 Datasheet
195Kb / 16P
   Micropower, Low Charge Injection, Quad CMOS Analog Switches
LTC2220 LINER-LTC2220 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
LTC2220-1 LINER-LTC2220-1 Datasheet
676Kb / 28P
   12-Bit,185Msps ADC
LTC2220-1 LINER-LTC2220-1 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
More results

Similar Description - LTC222

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC221 LINER-LTC221_15 Datasheet
151Kb / 12P
   Micropower, Low Charge Injection, Quad CMOS Analog Switches with Data Latches
LTC221 LINER-LTC221 Datasheet
140Kb / 12P
   Micropower, Low Charge Injection, Quad CMOS Analog Switches with Data Latches
LTC203 LINER-LTC203_15 Datasheet
208Kb / 16P
   Micropower, Low Charge Injection, Quad CMOS Analog Switches
LTC201A LINER-LTC201A Datasheet
820Kb / 11P
   Micropower, Low Charge Injection,Quad CMOS Analog Switches
LTC201A LINER-LTC201A_15 Datasheet
208Kb / 16P
   Micropower, Low Charge Injection, Quad CMOS Analog Switches
LTC201A LINER-LTC201A_02 Datasheet
195Kb / 16P
   Micropower, Low Charge Injection, Quad CMOS Analog Switches
LTC202 LINER-LTC202_15 Datasheet
208Kb / 16P
   Micropower, Low Charge Injection, Quad CMOS Analog Switches
logo
Advanced Linear Devices
ALD4201 ALD-ALD4201 Datasheet
40Kb / 6P
   CMOS LOW VOLTAGE, LOW CHARGE INJECTION QUAD SPST ANALOG SWITCHES
logo
Analog Devices
AD7590DI AD-AD7590DI_15 Datasheet
1Mb / 8P
   DI CMOS Analog Switches with Data Latches
REV. A
AD7590DI AD-AD7590DI Datasheet
1Mb / 8P
   DI CMOS ANALOG SWITCHES WITH DATA LATCHES
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com