Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P006003 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # P006003
Description  Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 3-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P006003 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  P006003 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P006003 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Number of Connectors
2
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
2 / 2


Similar Part No. - P006003

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P006001 TRIPPLITE-P006001 Datasheet
480Kb / 2P
   Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 1-ft
P00600213A TRIPPLITE-P00600213A Datasheet
479Kb / 2P
   Universal Computer Power Cord, 13A, 16AWG (NEMA 5-15P to IEC-320-C13), 1-ft
P006004 TRIPPLITE-P006004 Datasheet
484Kb / 2P
   Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 4-ft
P006004BL TRIPPLITE-P006004BL Datasheet
484Kb / 2P
   Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13 with Blue Plugs), 4-ft
P006004GN TRIPPLITE-P006004GN Datasheet
484Kb / 2P
   Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13 with Green Plugs), 4-ft
More results

Similar Description - P006003

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P006004 TRIPPLITE-P006004 Datasheet
484Kb / 2P
   Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 4-ft
P006006 TRIPPLITE-P006006 Datasheet
472Kb / 2P
   Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 6-ft
P006001 TRIPPLITE-P006001 Datasheet
480Kb / 2P
   Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 1-ft
P006010 TRIPPLITE-P006010 Datasheet
473Kb / 2P
   Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 10-ft
P006020 TRIPPLITE-P006020 Datasheet
480Kb / 2P
   Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 20-ft
P006015 TRIPPLITE-P006015 Datasheet
499Kb / 2P
   Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 15-ft
P006025 TRIPPLITE-P006025 Datasheet
480Kb / 2P
   Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 25-ft
P00600613LA TRIPPLITE-P00600613LA Datasheet
474Kb / 2P
   Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to Left Angle IEC-320-C13), 6-ft
P00600613RA TRIPPLITE-P00600613RA Datasheet
473Kb / 2P
   Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to Right Angle IEC-320-C13), 6-ft
P006004BL TRIPPLITE-P006004BL Datasheet
484Kb / 2P
   Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13 with Blue Plugs), 4-ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com