Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAATCC0011 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAATCC0011
Description  Digital Attenuator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATCC0011 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAATCC0011_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATCC0011_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATCC0011_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAATCC0011_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAATCC0011_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAATCC0011_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAATCC0011_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
Digital Attenuator
31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
Rev. V5
MAATCC0011
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Attenuation Error, 4 dB Bit
Attenuation Error, 8 dB Bit
Attenuation Error, 16 dB Bit
Typical Performance Curves
Attenuation Error, Max. Attenuation
VSWR, 0.5 dB Bit
Attenuation Error, 2 dB Bit
-0.4
-0.2
0.0
0.2
0.4
0
1000
2000
3000
4000
Frequency (MHz)
-0.4
-0.2
0.0
0.2
0.4
0
1000
2000
3000
4000
Frequency (MHz)
-0.8
-0.4
0.0
0.4
0.8
0
1000
2000
3000
4000
Fre que ncy (MHz )
-0.8
-0.4
0.0
0.4
0.8
0
1000
2000
3000
4000
Fre que ncy (MHz )
-2.0
-1.0
0.0
1.0
0
1000
2000
3000
4000
Frequency (MHz)
1.0
1.2
1.4
1.6
1.8
0
1000
2000
3000
4000
Fre que ncy (MHz )
Inp ut
O ut p ut


Similar Part No. - MAATCC0011_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATCC0011-TB MACOM-MAATCC0011-TB Datasheet
329Kb / 7P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0011-TB MA-COM-MAATCC0011-TB Datasheet
189Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
logo
Tyco Electronics
MAATCC0011TR MACOM-MAATCC0011TR Datasheet
329Kb / 7P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0011TR MA-COM-MAATCC0011TR Datasheet
189Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
More results

Similar Description - MAATCC0011_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT-233-PIN MA-COM-AT-233-PIN_15 Datasheet
122Kb / 4P
   Digital Attenuator
MAAD-007083-000100 MA-COM-MAAD-007083-000100_15 Datasheet
147Kb / 4P
   Digital Attenuator
MAATCC0012 MA-COM-MAATCC0012_15 Datasheet
152Kb / 5P
   Digital Attenuator
MAATSS0016 MA-COM-MAATSS0016_15 Datasheet
121Kb / 4P
   Digital Attenuator
MAAD-007086 MA-COM-MAAD-007086_15 Datasheet
719Kb / 7P
   Digital Attenuator
MAAD-011021 MA-COM-MAAD-011021 Datasheet
944Kb / 8P
   Digital Attenuator
MAADCC0006 MA-COM-MAADCC0006 Datasheet
180Kb / 5P
   Digital Attenuator
MAADSS0009 MA-COM-MAADSS0009 Datasheet
72Kb / 3P
   Digital Attenuator
MAATCC0012 MA-COM-MAATCC0012 Datasheet
152Kb / 5P
   Digital Attenuator
MAATSS0017 MA-COM-MAATSS0017 Datasheet
143Kb / 5P
   Digital Attenuator
MAATSS0018 MA-COM-MAATSS0018 Datasheet
126Kb / 3P
   Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com