Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1635 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1635
Description  Micropower Rail-to-Rail Op Amp and Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1635 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1635 Datasheet HTML 4Page - Linear Technology LT1635 Datasheet HTML 5Page - Linear Technology LT1635 Datasheet HTML 6Page - Linear Technology LT1635 Datasheet HTML 7Page - Linear Technology LT1635 Datasheet HTML 8Page - Linear Technology LT1635 Datasheet HTML 9Page - Linear Technology LT1635 Datasheet HTML 10Page - Linear Technology LT1635 Datasheet HTML 11Page - Linear Technology LT1635 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1635
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Op Amp
Q5
INPUTS
300k
BALANCE
C1
C2
Q6
Q4
Q13
Q15
Q7
Q17
Q18
Q20
Q25
1635 SSOA
Q27
Q19
Q24
Q26
Q14
Q21
Q16
Q28
V +
OUTPUT
V
Q2
Q1
R1
6k
R2
6k
Q3
4
6
7
2
3
5
Reference
4
×16
×1
1635 SSREF
7
8
REFOUT
REF FB
1
V +
V
SI PLIFIED SCHE ATICS
PACKAGE DESCRIPTIO
N8 Package
8-Lead PDIP (Narrow .300 Inch)
(Reference LTC DWG # 05-08-1510)
N8 1098
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.325
(7.620 – 8.255)
0.325
+0.035
–0.015
+0.889
–0.381
8.255
()
0.100
(2.54)
BSC
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.130
± 0.005
(3.302
± 0.127)
0.020
(0.508)
MIN
0.018
± 0.003
(0.457
± 0.076)
0.125
(3.175)
MIN
12
3
4
87
6
5
0.255
± 0.015*
(6.477
± 0.381)
0.400*
(10.160)
MAX
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm)


Similar Part No. - LT1635

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1635 LINER-LT1635 Datasheet
306Kb / 12P
   Micropower Rail-to-Rail Op Amp and Reference
LT1635CN8 LINER-LT1635CN8 Datasheet
306Kb / 12P
   Micropower Rail-to-Rail Op Amp and Reference
LT1635CS8 LINER-LT1635CS8 Datasheet
306Kb / 12P
   Micropower Rail-to-Rail Op Amp and Reference
LT1635IN8 LINER-LT1635IN8 Datasheet
306Kb / 12P
   Micropower Rail-to-Rail Op Amp and Reference
LT1635IS8 LINER-LT1635IS8 Datasheet
306Kb / 12P
   Micropower Rail-to-Rail Op Amp and Reference
More results

Similar Description - LT1635

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1635 LINER-LT1635 Datasheet
306Kb / 12P
   Micropower Rail-to-Rail Op Amp and Reference
LT1636 LINER-LT1636_1 Datasheet
393Kb / 16P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1636 LINER-LT1636 Datasheet
136Kb / 12P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1636 LINER-LT1636_15 Datasheet
398Kb / 16P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
logo
KODENSHI_AUK CORP.
S33201M KODENSHI-S33201M Datasheet
231Kb / 6P
   Rail to Rail Single OP AMP
logo
AUK corp
S33201M AUK-S33201M Datasheet
369Kb / 6P
   Rail to Rail Single OP AMP
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
   Rail-to-Rail Output, Op Amp
logo
Silicon Laboratories
TS1005 SILABS-TS1005 Datasheet
1Mb / 13P
   RAIL-TO-RAIL SINGLE OP AMP
logo
Micrel Semiconductor
MIC7122 MICREL-MIC7122_05 Datasheet
54Kb / 8P
   Rail-to-Rail Dual Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com