Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P04606N Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # P04606N
Description  Heavy-Duty Power Adapter Cord, 20A, 12AWG (NEMA-L5-20P to NEMA-5-20R), 6-in
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P04606N Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  P04606N Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P04606N Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
2 / 2


Similar Part No. - P04606N

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
P0460AD VBSEMI-P0460AD Datasheet
1Mb / 9P
   Power MOSFET
P0460AS VBSEMI-P0460AS Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
P0460AT VBSEMI-P0460AT Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Wuxi U-NIKC Semiconduct...
P0460BTF UNIKC-P0460BTF Datasheet
418Kb / 6P
   N-Channel Enhancement Mode MOSFET
P0460CTF-P UNIKC-P0460CTF-P Datasheet
408Kb / 5P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - P04606N

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P04406I TRIPPLITE-P04406I Datasheet
481Kb / 2P
   Heavy-Duty Power Adapter Cord, 20A, 12AWG (NEMA-L5-20R to NEMA-5-20P), 6-in
P044-06I TRIPPLITE-P044-06I Datasheet
164Kb / 3P
   Power Cord Adapter, NEMA L5-20R to NEMA 5-20P - Heavy-Duty, 20A, 120V, 12 AWG, 8.66-in. (21.99 cm), Black
P046-006-LL TRIPPLITE-P046-006-LL Datasheet
159Kb / 3P
   Power Extension Cord, NEMA L5-20P to NEMA L5-20R- Heavy-Duty, 20A, 125V, 12 AWG, 6 ft. (1.83 m), Black, Locking Connectors
P040006 TRIPPLITE-P040006 Datasheet
489Kb / 2P
   Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to NEMA L6-20P), 6-ft
P049010 TRIPPLITE-P049010 Datasheet
481Kb / 2P
   Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to NEMA 5-20P), 10-ft
P046-015-LL TRIPPLITE-P046-015-LL Datasheet
160Kb / 3P
   Power Extension Cord, NEMA L5-20P to NEMA L5-20R- Heavy-Duty, 20A, 125V, 12 AWG, 15 ft. (4.57 m), Black, Locking Connectors
P045010 TRIPPLITE-P045010 Datasheet
485Kb / 2P
   Heavy-Duty Power Extension Cord for Servers, 20A, 12AWG (IEC-320-C19 to NEMA L5-20P), 10-ft
P046-010-LL TRIPPLITE-P046-010-LL Datasheet
159Kb / 3P
   Power Extension Cord, NEMA L5-20P to NEMA L5-20R- Heavy-Duty, 20A, 125V, 12 AWG, 10 ft. (3.05 m), Black, Locking Connectors
P043002 TRIPPLITE-P043002 Datasheet
479Kb / 2P
   Heavy-Duty Power Extension Cord with 20 AMP Breaker, 20A, 10AWG (NEMA L5-30P to NEMA L5-20R), 2-ft
P040-006 TRIPPLITE-P040-006 Datasheet
490Kb / 2P
   Heavy-Duty Power Cord for PDU and UPS, 20A, 12AWG (IEC-320-C19 to NEMA L6-20P), 6-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com